Electronic Components Datasheet Search
  English  ▼

X  

DH321 Datasheet(PDF) 8 Page - ON Semiconductor

Part # DH321
Description  Green Mode Power Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DH321 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button DH321 Datasheet HTML 4Page - ON Semiconductor DH321 Datasheet HTML 5Page - ON Semiconductor DH321 Datasheet HTML 6Page - ON Semiconductor DH321 Datasheet HTML 7Page - ON Semiconductor DH321 Datasheet HTML 8Page - ON Semiconductor DH321 Datasheet HTML 9Page - ON Semiconductor DH321 Datasheet HTML 10Page - ON Semiconductor DH321 Datasheet HTML 11Page - ON Semiconductor DH321 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
FSDH321, FSDL321
www.onsemi.com
8
FUNCTIONAL DESCRIPTION
Startup
In previous generations of Power Switches the Vstr pin
had an external resistor to the DC input voltage line. In this
generation the startup resistor is replaced by an internal high
voltage current source and a switch that shuts off when
15 ms goes by after the supply voltage, Vcc, gets above 12 V.
The source turns back on if Vcc drops below 8 V.
Figure 14. High Voltage Current Source
Vin, dc
ISTR
Vstr
Vcc
J−FET
ICH
Vcc < 8 V
UVLO on
15 ms after
Vcc
≥ 12 V
UVLO off
Feedback Control
The FSDx321 employs current mode control, as shown in
Figure 15. An opto−coupler (such as the H11A817A) and
shunt regulator (such as the KA431) are typically used to
implement the feedback network. Comparing the feedback
voltage with the voltage across the Rsense resistor plus an
offset voltage makes it possible to control the switching duty
cycle. When the KA431 reference pin voltage exceeds the
internal reference voltage of 2.5 V, the optocoupler LED
current increases, the feedback voltage Vfb is pulled down
and it reduces the duty cycle. This event typically happens
when the input voltage is increased or the output load is
decreased.
Figure 15. Pulse Width Modulation (PWM) Circuit
Vo
431
Vfb
3
CFB
+
−
VFB
5 uA
0.9 mA
Vcc
Vcc
OSC
VSD
OLP
D1
D2
2.5R
R
−
+
Gate
driver
+
−
VFB,in
Leading Edge Blanking (LEB)
At the instant the internal SENSEFET is turned on, the
primary side capacitance and secondary side rectifier diode
reverse recovery typically cause a high current spike
through the SENSEFET. Excessive voltage across the
Rsense resistor leads to incorrect feedback operation in the
current mode PWM control. To counter this effect, the
power switch employs a leading edge blanking (LEB)
circuit. This circuit inhibits the PWM comparator for a short
time (tLEB) after the SENSEFET is turned on.
Protection Circuits
The power switch has several protective functions such as
over load protection (OLP), over voltage protection (OVP),
abnormal over current protection (AOCP), under voltage
lock out (UVLO) and thermal shutdown (TSD). Because
these protection circuits are fully integrated inside the IC
without external components, the reliability is improved
without increasing cost. Once a fault condition occurs,
switching is terminated and the SENSEFET remains off.
This causes Vcc to fall. When Vcc reaches the UVLO stop
voltage VSTOP (8 V), the protection is reset and the internal
high voltage current source charges the Vcc capacitor via the
Vstr pin. When Vcc reaches the UVLO start voltage VSTART
(12 V), the power switch resumes its normal operation. In
this manner, the auto−restart can alternately enable and
disable the switching of the power SENSEFET until the
fault condition is eliminated.
Over Load Protection (OLP)
Overload is defined as the load current exceeding
a pre−set level due to an unexpected event. In this situation,
the protection circuit should be activated in order to protect
the SMPS. However, even when the SMPS is operating
normally, the over load protection (OLP) circuit can be
activated during the load transition. In order to avoid this
undesired operation, the OLP circuit is designed to be
activated after a specified time to determine whether it is a
transient situation or an overload situation. In conjunction
with the Ipk current limit pin (if used) the current mode
feedback path would limit the current in the SENSEFET
when the maximum PWM duty cycle is attained. If the
output consumes more than this maximum power, the output
voltage (Vo) decreases below its rating voltage. This reduces
the current through the opto−coupler LED, which also
reduces the opto−coupler transistor current, thus increasing
the feedback voltage (VFB). If VFB exceeds 3 V, the
feedback input diode is blocked and the 5
mA current source
(IDELAY) starts to charge Cfb slowly up to Vcc. In this
condition, VFB increases until it reaches 6 V, when the
switching operation is terminated as shown in Figure 16.
The shutdown delay time is the time required to charge Cfb
from 3 V to 6 V with 5
mA current source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com