Electronic Components Datasheet Search
  English  ▼

X  

AD7745 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7745
Description  24-Bit Capacitance-to-Digital Converter with Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7745 Datasheet(HTML) 4 Page - Analog Devices

  AD7745 Datasheet HTML 1Page - Analog Devices AD7745 Datasheet HTML 2Page - Analog Devices AD7745 Datasheet HTML 3Page - Analog Devices AD7745 Datasheet HTML 4Page - Analog Devices AD7745 Datasheet HTML 5Page - Analog Devices AD7745 Datasheet HTML 6Page - Analog Devices AD7745 Datasheet HTML 7Page - Analog Devices AD7745 Datasheet HTML 8Page - Analog Devices AD7745 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD7745/AD7746
Rev. 0 | Page 4 of 28
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Full-Scale Drift vs. Temperature
5
ppm of FS/°C
Internal reference
0.5
ppm of FS/°C
External reference
Average VIN Input Current
300
nA/V
Analog VIN Input Current Drift
±50
pA/V/°C
Power Supply Rejection
80
dB
Internal reference, VIN = VREF/2
Power Supply Rejection
90
dB
External reference, VIN = VREF/2
Normal Mode Rejection
75
dB
50 Hz ± 1%, conversion time = 122.1 ms
50
dB
60 Hz ± 1%, conversion time = 122.1 ms
Common-Mode Rejection
95
dB
VIN = 1 V
INTERNAL VOLTAGE REFERENCE
Voltage
1.169
1.17
1.171
V
TA = 25°C
Drift vs. Temperature
5
ppm/°C
EXTERNAL VOLTAGE REFERENCE INPUT
Differential REFIN Voltage2
0.1
2.5
VDD
V
Absolute REFIN Voltage2
GND − 0.03
VDD + 0.03
V
Average REFIN Input Current
400
nA/V
Average REFIN Input Current Drift
±50
pA/V/°C
Common-Mode Rejection
80
dB
SERIAL INTERFACE LOGIC INPUTS
(SCL, SDA)
VIH Input High Voltage
2.1
V
VIL Input Low Voltage
0.8
V
Hysteresis
150
mV
Input Leakage Current (SCL)
±0.1
±1
µA
OPEN-DRAIN OUTPUT (SDA)
VOL Output Low Voltage
0.4
V
ISINK =
−6.0 mA
IOH Output High Leakage Current
0.1
1
µA
VOUT = VDD
LOGIC OUTPUT (RDY)
VOL Output Low Voltage
0.4
V
ISINK = 1.6 mA, VDD = 5 V
VOH Output High Voltage
4.0
V
ISOURCE = 200 µA, VDD = 5 V
VOL Output Low Voltage
0.4
V
ISINK = 100 µA, VDD = 3 V
VOH Output High Voltage
VDD – 0.6
V
ISOURCE = 100 µA, VDD = 3 V
POWER REQUIREMENTS
VDD-to-GND Voltage
4.75
5.25
V
VDD = 5 V, nominal
2.7
3.6
V
VDD = 3.3 V, nominal
IDD Current
850
µA
Digital inputs equal to VDD or GND
750
µA
VDD = 5 V
700
µA
VDD = 3.3 V
IDD Current Power-Down Mode
0.5
2
µA
Digital inputs equal to VDD or GND
1 Capacitance units: 1 pF = 10-12 F; 1 fF = 10-15 F; 1 aF = 10-18 F.
2 Specification is not production tested, but is supported by characterization data at initial product release.
3 Factory calibrated. The absolute error includes factory gain calibration error, integral nonlinearity error, and offset error after system offset calibration, all at 25°C. At
different temperatures, compensation for gain drift over temperature is required.
4 The capacitive input offset can be eliminated using a system offset calibration. The accuracy of the system offset calibration is limited by the offset calibration register
LSB size (32 aF) or by converter + system p-p noise during the system capacitive offset calibration, whichever is greater. To minimize the effect of the converter +
system noise, longer conversion times should be used for system capacitive offset calibration. The system capacitance offset calibration range is ±1 pF, the larger
offset can be removed using CAPDACs.
5 The gain error is factory calibrated at 25°C. At different temperatures, compensation for gain drift over temperature is required.
6 The CAPDAC resolution is seven bits in the actual CAPDAC full range. Using the on-chip offset calibration or adjusting the capacitive offset calibration register can
further reduce the CIN offset or the unchanging CIN component.
7 The VTCHOP bit in the VT SETUP register must be set to 1 for the specified temperature sensor and voltage input performance.
8 Using an external temperature sensing diode 2N3906, with nonideality factor nf = 1.008, connected as in Figure 41, with total serial resistance <100 Ω.
9 Full-scale error applies to both positive and negative full scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com