Electronic Components Datasheet Search
  English  ▼

X  

AD7745 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7745
Description  24-Bit Capacitance-to-Digital Converter with Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7745 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7745 Datasheet HTML 13Page - Analog Devices AD7745 Datasheet HTML 14Page - Analog Devices AD7745 Datasheet HTML 15Page - Analog Devices AD7745 Datasheet HTML 16Page - Analog Devices AD7745 Datasheet HTML 17Page - Analog Devices AD7745 Datasheet HTML 18Page - Analog Devices AD7745 Datasheet HTML 19Page - Analog Devices AD7745 Datasheet HTML 20Page - Analog Devices AD7745 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD7745/AD7746
Rev. 0| Page 17 of 28
EXC SET-UP REGISTER
Address Pointer 0x09, Default Value 0x03
Capacitive channel excitation setup.
Table 15. EXC Set-Up Bit Map
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mnemonic
CLKCTRL
EXCON
EXCB
EXCB
EXCA
EXCA
EXCLVL1
EXCLVL0
Default
0
0
0
0
0
0
0
0
Table 16.
Bit
Mnemonic
Description
7
CLKCTRL
The CLKCTRL bit should be set to 0 for the specified AD7745/AD7746 performance.
CLKCTRL = 1 decreases the excitation signal frequency and the modulator clock frequency by factor of 2.
This also increases the conversion time on all channels (capacitive, voltage, and temperature) by a factor of 2.
6
EXCON
When EXCON = 0, the excitation signal is present on the output only during capacitance channel conversion.
When EXCON = 1, the excitation signal is present on the output during both capacitance and
voltage/temperature conversion.
5
EXCB
EXCB = 1 enables EXCB pin as the excitation output.
4
EXCB
EXCB = 1 enables EXCB pin as the inverted excitation output.
Only one of the EXCB or the EXCB bits should be set for proper operation.
3
EXCA
EXCA = 1 enables EXCA pin as the excitation output.
2
EXCA
EXCA = 1 enables EXCA pin as the inverted excitation output.
Only one of the EXCA or the EXCA bits should be set for proper operation.
Excitation Voltage Level.
EXCLVL1
EXCLVL0
Voltage on Cap
EXC Pin Low Level
EXC Pin High Level
0
0
±VDD/8
VDD × 3/8
VDD × 5/8
0
1
±VDD/4
VDD × 1/4
VDD × 3/4
1
0
±VDD × 3/8
VDD × 1/8
VDD × 7/8
1
0
EXCLVL1,
EXCLVL0
1
1
±VDD/2
0
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com