Electronic Components Datasheet Search
  English  ▼

X  

AD7745 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7745
Description  24-Bit Capacitance-to-Digital Converter with Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7745 Datasheet(HTML) 5 Page - Analog Devices

  AD7745 Datasheet HTML 1Page - Analog Devices AD7745 Datasheet HTML 2Page - Analog Devices AD7745 Datasheet HTML 3Page - Analog Devices AD7745 Datasheet HTML 4Page - Analog Devices AD7745 Datasheet HTML 5Page - Analog Devices AD7745 Datasheet HTML 6Page - Analog Devices AD7745 Datasheet HTML 7Page - Analog Devices AD7745 Datasheet HTML 8Page - Analog Devices AD7745 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD7745/AD7746
Rev. 0| Page 5 of 28
TIMING SPECIFICATIONS
VDD = 2.7 V to 3.6 V, or 4.75 V to 5.25 V; GND = 0 V; Input Logic 0 = 0 V; Input Logic 1 = VDD; –40°C to +125°C, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SERIAL INTERFACE1, 2
See Figure 3
SCL Frequency
0
400
kHz
SCL High Pulse Width, tHIGH
0.6
µs
SCL Low Pulse Width, tLOW
1.3
µs
SCL, SDA Rise Time, tR
0.3
µs
SCL, SDA Fall Time, tF
0.3
µs
Hold Time (Start Condition), tHD;STA
0.6
µs
After this period, the first clock is generated
Set-Up Time (Start Condition), tSU;STA
0.6
µs
Relevant for repeated start condition
Data Set-Up Time, tSU;DAT
0.25
µs
VDD ≥ 3.0 V
Data Set-Up Time, tSU;DAT
0.35
µs
VDD < 3.0 V
Set-Up Time (Stop Condition), tSU;STO
0.6
µs
Data Hold Time, tHD;DAT (Master)
0
µs
Bus-Free Time (Between Stop and Start Condition, tBUF)
1.3
µs
1 Sample tested during initial release to ensure compliance.
2 All input signals are specified with input rise/fall times = 3 ns, measured between the 10% and 90% points. Timing reference points at 50% for inputs and outputs.
Output load = 10 pF.
P
S
tLOW
tR
tF
tHD:STA
tHD:DAT
tSU:DAT
tSU:STA
tHD:STA
tSU:STO
tHIGH
SCL
PS
SDA
tBUF
Figure 3. Serial Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com