Electronic Components Datasheet Search
  English  ▼

X  

AD7745 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7745
Description  24-Bit Capacitance-to-Digital Converter with Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7745 Datasheet(HTML) 1 Page - Analog Devices

  AD7745 Datasheet HTML 1Page - Analog Devices AD7745 Datasheet HTML 2Page - Analog Devices AD7745 Datasheet HTML 3Page - Analog Devices AD7745 Datasheet HTML 4Page - Analog Devices AD7745 Datasheet HTML 5Page - Analog Devices AD7745 Datasheet HTML 6Page - Analog Devices AD7745 Datasheet HTML 7Page - Analog Devices AD7745 Datasheet HTML 8Page - Analog Devices AD7745 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
24-Bit Capacitance-to-Digital Converter
with Temperature Sensor
AD7745/AD7746
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Capacitance-to-digital converter
New standard in single chip solutions
Interfaces to single or differential floating sensors
Resolution down to 4 aF (that is, up to 21 ENOB)
Accuracy: 4 fF
Linearity: 0.01%
Common-mode (not changing) capacitance up to 17 pF
Full-scale (changing) capacitance range: ±4 pF
Tolerant of parasitic capacitance to ground up to 60 pF
Update rate: 10 Hz to 90 Hz
Simultaneous 50 Hz and 60 Hz rejection at 16 Hz
Temperature sensor on-chip
Resolution: 0.1°C, accuracy: ±2°C
Voltage input channel
Internal clock oscillator
2-wire serial interface (I2C
®-compatible)
Power
2.7 V to 5.25 V single-supply operation
0.7 mA current consumption
Operating temperature: –40°C to +125°C
16-lead TSSOP package
APPLICATIONS
Automotive, industrial, and medical systems for
Pressure measurement
Position sensing
Level sensing
Flowmeters
Humidity sensing
Impurity detection
GENERAL DESCRIPTION
The AD7745/AD7746 are a high resolution, Σ-Δ capacitance-to-
digital converter (CDC). The capacitance to be measured is
connected directly to the device inputs. The architecture fea-
tures inherent high resolution (24-bit no missing codes, up to
21-bit effective resolution), high linearity (±0.01%), and high
accuracy (±4 fF factory calibrated). The AD7745/AD7746
capacitance input range is ±4 pF (changing), while it can accept
up to 17 pF common-mode capacitance (not changing), which
can be balanced by a programmable on-chip, digital-to-
capacitance converter (CAPDAC).
The AD7745 has one capacitance input channel, while the
AD7746 has two channels. Each channel can be configured as
single-ended or differential. The AD7745/AD7746 are designed
for floating capacitive sensors. For capacitive sensors with one
plate connected to ground, the AD7747 is recommended.
The parts have an on-chip temperature sensor with a resolution
of 0.1°C and accuracy of ±2°C. The on-chip voltage reference
and the on-chip clock generator eliminate the need for any
external components in capacitive sensor applications. The
parts have a standard voltage input, which together with the
differential reference input allows easy interface to an external
temperature sensor, such as an RTD, thermistor, or diode.
The AD7745/AD7746 have a 2-wire, I2C-compatible serial
interface. Both parts can operate with a single power supply
from 2.7 V to 5.25 V. They are specified over the automotive
temperature range of –40°C to +125°C and are housed in a
16-lead TSSOP package.
FUNCTIONAL BLOCK DIAGRAMS
DIGITAL
FILTER
24-BIT
Σ-∆
MODULATOR
CLOCK
GENERATOR
MUX
TEMP
SENSOR
CAP DAC
CAP DAC
VOLTAGE
REFERENCE
CONTROL LOGIC
CALIBRATION
AD7745
VDD
REFIN(+) REFIN(–)
GND
SDA
SCL
RDY
VIN(+)
VIN(–)
CIN1(+)
CIN1(–)
EXCA
EXCB
I2C
SERIAL
INTERFACE
EXCITATION
Figure 1.
DIGITAL
FILTER
24-BIT
Σ-∆
MODULATOR
MUX
TEMP
SENSOR
CAP DAC
CAP DAC
VOLTAGE
REFERENCE
CONTROL LOGIC
CALIBRATION
AD7746
VDD
REFIN(+) REFIN(–)
GND
SDA
SCL
RDY
VIN(+)
VIN(–)
CIN1(+)
CIN1(–)
CIN2(+)
CIN2(–)
EXC1
EXC2
CLOCK
GENERATOR
I2C
SERIAL
INTERFACE
EXCITATION
Figure 2.


Similar Part No. - AD7745

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7745ARUZ AD-AD7745ARUZ Datasheet
780Kb / 28P
24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7745ARUZ-REEL AD-AD7745ARUZ-REEL Datasheet
780Kb / 28P
24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7745ARUZ-REEL7 AD-AD7745ARUZ-REEL7 Datasheet
780Kb / 28P
24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7745 AD-AD7745_15 Datasheet
780Kb / 28P
24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
More results

Similar Description - AD7745

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7747 AD-AD7747 Datasheet
205Kb / 20P
24-Bit Capacitance-to-Digital Converter with Temperature Sensor
Rev. PrC, 28. July 2006
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
24-Bit Analog-to-Digital Converter
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
481Kb / 24P
12-Bit Capacitance-to-Digital Converter
REV. 0
AD7747ARUZ AD-AD7747ARUZ Datasheet
428Kb / 28P
24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746 AD-AD7746 Datasheet
780Kb / 28P
24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7745 AD-AD7745_15 Datasheet
780Kb / 28P
24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746 AD-AD7746_15 Datasheet
780Kb / 28P
24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
12-Bit Capacitance-to-Digital Converter
Rev. A
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
24-Bit Capacitance-to-Digital Converter
Rev. 0
logo
Avia Semiconductor Co.,...
HX710 AVIA-HX710 Datasheet
53Kb / 1P
24-Bit Analog-to-Digital Converter (ADC) with Built-in Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com