Electronic Components Datasheet Search
  English  ▼

X  

ADS5547 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5547
Description  14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5547 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS5547 Datasheet HTML 35Page - Texas Instruments ADS5547 Datasheet HTML 36Page - Texas Instruments ADS5547 Datasheet HTML 37Page - Texas Instruments ADS5547 Datasheet HTML 38Page - Texas Instruments ADS5547 Datasheet HTML 39Page - Texas Instruments ADS5547 Datasheet HTML 40Page - Texas Instruments ADS5547 Datasheet HTML 41Page - Texas Instruments ADS5547 Datasheet HTML 42Page - Texas Instruments ADS5547 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
www.ti.com
LVDS Buffer Internal Termination
ADS5547
SLWS192 – NOVEMBER 2006
Table 12. LVDS Buffer Currents Programming
REGISTER ADDRESS
REGISTER DATA
DESCRIPTION
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
<LVDS CURRENT> – Output data and clock buffers current programmability
0
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
3.5 mA Default after reset
0
1
1
1
1
1
1
0
0
0
0
0
0
0
0
1
2.5 mA
0
1
1
1
1
1
1
0
0
0
0
0
0
0
1
0
4.5 mA
0
1
1
1
1
1
1
0
0
0
0
0
0
0
1
1
1.75 mA
<CURRENT DOUBLE> – The output data and clock buffer currents are doubled from the value selected by the <LVDS CURRENT>
register.
Value specified by <LVDS
0
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
CURRENT>Default after reset
0
1
1
1
1
1
1
1
0
1
0
0
0
0
0
0
2x data, 2x clock currents
0
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
1x data, 2x clock currents
0
1
1
1
1
1
1
1
1
1
0
0
0
0
0
0
2x data, 4x clock currents
An internal termination option is available (using the serial interface), by which the LVDS buffers are differentially
terminated inside the device. The termination resistances available are – 325, 200, and 170
Ω (nominal with
±20% variation). Any combination of these three terminations can be programmed; the effective termination is
the parallel combination of the selected resistances. This results in eight effective terminations from open (no
termination) to 75
Ω.
The internal termination helps to absorb any reflections coming from the receiver end, improving the signal
integrity. With 100-
Ω internal and 100-Ω external termination, the voltage swing at the receiver end is halved
(compared to no internal termination). The voltage swing can be restored by using the LVDS current double
mode (see Table 12). Figure 47 shows the eye diagram of one of the LVDS data outputs with a 10-pF load
capacitance (from each pin to ground) and 100-
Ω internal termination enabled.
Figure 47. Eye Diagram of LVDS Data Output With Internal Termination
39
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com