Electronic Components Datasheet Search
  English  ▼

X  

ADS5547 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5547
Description  14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5547 Datasheet(HTML) 30 Page - Texas Instruments

Back Button ADS5547 Datasheet HTML 26Page - Texas Instruments ADS5547 Datasheet HTML 27Page - Texas Instruments ADS5547 Datasheet HTML 28Page - Texas Instruments ADS5547 Datasheet HTML 29Page - Texas Instruments ADS5547 Datasheet HTML 30Page - Texas Instruments ADS5547 Datasheet HTML 31Page - Texas Instruments ADS5547 Datasheet HTML 32Page - Texas Instruments ADS5547 Datasheet HTML 33Page - Texas Instruments ADS5547 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
www.ti.com
Example Drive Circuits
WBC1-1TLB
1:1
1:1
0.1 F
m
INP
INM
VCM
ADS5547
25 W
100 W
25 W
3.3pF
0.1 F
m
15
(Note A)
W
15
(Note A)
W
WBC1-1TLB
100 W
33 W
33 W
Z andTFADC
i
-6
-5
-1
1
f − Frequency − MHz
0
1000
2
-4
100
200
500
700
-2
-3
0
400
300
600
800
900
ADS5547
SLWS192 – NOVEMBER 2006
APPLICATION INFORMATION (continued)
In addition to the above ADC requirements, the drive circuit may have to be designed to provide a low insertion
loss over the desired frequency range and matched impedance to the source. For this, the ADC input
impedance has to be taken into account (Figure 40).
A suitable configuration using RF transformers and including the R-C-R filter is shown in Figure 38. Note the
15-
Ω series resistors and the low common-mode impedance (using 33-Ω resistors terminated to VCM).
A.
Use lower series resistance (
≈ 5 Ω to 10 Ω) at high input frequencies (> 100 MHz)
Figure 38. Example Drive Circuit With RF Transformers
Figure 39. Analog Input Bandwidth, TFADC (Actual Silicon Data)
30
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com