| Electronic Components Datasheet Search |
|
ADS5547 Datasheet(PDF) 45 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ADS5547 Datasheet(HTML) 45 Page - Texas Instruments |
|
45 / 50 page ![]() www.ti.com Signal-to-Noise Ratio SNR + 10Log 10 Ps P N (3) Signal-to-Noise and Distortion (SINAD) SINAD + 10Log 10 Ps P N ) PD (4) Effective Number of Bits (ENOB) ENOB + SINAD * 1.76 6.02 (5) Total Harmonic Distortion (THD) THD + 10Log 10 Ps P N (6) Spurious-Free Dynamic Range (SFDR) Two-Tone Intermodulation Distortion DC Power Supply Rejection Ratio (DC PSRR) ADS5547 SLWS192 – NOVEMBER 2006 DEFINITION OF SPECIFICATIONS (continued) SNR is the ratio of the power of the fundamental (PS) to the noise floor power (PN), excluding the power at dc and the first nine harmonics. SNR is either given in units of dBc (dB to carrier) when the absolute power of the fundamental is used as the reference, or dBFS (dB to full scale) when the power of the fundamental is extrapolated to the converter’s full-scale range. SINAD is the ratio of the power of the fundamental (PS) to the power of all the other spectral components including noise (PN) and distortion (PD), but excluding dc. SINAD is either given in units of dBc (dB to carrier) when the absolute power of the fundamental is used as the reference, or dBFS (dB to full scale) when the power of the fundamental is extrapolated to the converter’s full-scale range. The ENOB is a measure of a converter’s performance as compared to the theoretical limit based on quantization noise. THD is the ratio of the power of the fundamental (PS) to the power of the first nine harmonics (PD). THD is typically given in units of dBc (dB to carrier). The ratio of the power of the fundamental to the highest other spectral component (either spur or harmonic). SFDR is typically given in units of dBc (dB to carrier). IMD3 is the ratio of the power of the fundamental (at frequencies f1 and f2) to the power of the worst spectral component at either frequency 2f1–f2 or 2f2–f1. IMD3 is either given in units of dBc (dB to carrier) when the absolute power of the fundamental is used as the reference, or dBFS (dB to full scale) when the power of the fundamental is extrapolated to the converter’s full-scale range. The DC PSSR is the ratio of the change in offset error to a change in analog supply voltage. The DC PSRR is typically given in units of mV/V. 45 Submit Documentation Feedback |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |