Electronic Components Datasheet Search
  English  ▼

X  

ADS5547 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5547
Description  14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5547 Datasheet(HTML) 25 Page - Texas Instruments

Back Button ADS5547 Datasheet HTML 21Page - Texas Instruments ADS5547 Datasheet HTML 22Page - Texas Instruments ADS5547 Datasheet HTML 23Page - Texas Instruments ADS5547 Datasheet HTML 24Page - Texas Instruments ADS5547 Datasheet HTML 25Page - Texas Instruments ADS5547 Datasheet HTML 26Page - Texas Instruments ADS5547 Datasheet HTML 27Page - Texas Instruments ADS5547 Datasheet HTML 28Page - Texas Instruments ADS5547 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
www.ti.com
66
75
73
72
71
70
69
68
f
InputFrequency
MHz
IN -
-
300
0
150
50
100
200
250
74
CMOSMode
67
f
− InputFrequency − MHz
IN
88
92
96
84
76
80
68
72
0
50
100
150
200
250
300
350
400
3dB
0dB
2dB
6dB
4dB
1dB
5dB
AV
SupplyVoltage
V
DD -
-
88
92
90
84
73.5
3.6
3.3
3.2
3.1
3
3.5
3.4
82
73
SFDR
SNR
86
75
72.5
74
74.5
F
=70MHz
DRV
=3.3V
IN
DD
f
− InputFrequency − MHz
IN
72
74
76
68
70
64
66
0
50
100
150
200
250
300
350
400
2dB
1dB
3dB
0dB
4dB
5dB
6dB
82
84
86
88
90
92
73.0
73.5
72.5
74.0
74.5
75.0
SNR
SFDR
T − Free-AirT
A
emperature − C
o
−40
10
35
85
f
=70MHz
IN
50
−15
DRV
− SupplyV
DD
oltage − V
82
84
86
88
90
92
3.0
3.1
3.2
3.3
3.4
3.5
3.6
73
73.5
72.5
74
74.5
75
SNR
SFDR
f
=70MHz
AV
IN
DD =3.3V
ADS5547
SLWS192 – NOVEMBER 2006
TYPICAL CHARACTERISTICS (continued)
All plots are at 25
°C, AVDD = DRVDD = 3.3 V, sampling frequency = 210 MSPS, sine wave input clock, 1.5 V
PP differential
clock amplitude, 50% clock duty cycle, –1 dBFS differential analog input, internal reference mode, 0 dB gain, DDR LVDS
data output (unless otherwise noted)
SNR vs INPUT FREQUENCY
SFDR vs GAIN
Figure 21.
Figure 22.
SNR vs GAIN
PERFORMANCE vs AVDD
Figure 23.
Figure 24.
PERFORMANCE vs DRVDD
PERFORMANCE vs TEMPERATURE
Figure 25.
Figure 26.
25
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com