Electronic Components Datasheet Search
  English  ▼

X  

ADS5547 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5547
Description  14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5547 Datasheet(HTML) 40 Page - Texas Instruments

Back Button ADS5547 Datasheet HTML 36Page - Texas Instruments ADS5547 Datasheet HTML 37Page - Texas Instruments ADS5547 Datasheet HTML 38Page - Texas Instruments ADS5547 Datasheet HTML 39Page - Texas Instruments ADS5547 Datasheet HTML 40Page - Texas Instruments ADS5547 Datasheet HTML 41Page - Texas Instruments ADS5547 Datasheet HTML 42Page - Texas Instruments ADS5547 Datasheet HTML 43Page - Texas Instruments ADS5547 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
www.ti.com
Parallel CMOS
Output Clock Position Programmability
ADS5547
SLWS192 – NOVEMBER 2006
Table 13. Programming Internal Termination for LVDS Data and Clock
REGISTER ADDRESS
REGISTER DATA
DESCRIPTION
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
<DATA TERM> Internal termination - Option to terminate the LVDS DATA buffers inside the ADC to improve signal integrity. By
default, internal termination is disabled.
0
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
No termination Default after reset
0
1
1
1
1
1
1
0
0
0
1
0
0
0
0
0
325
Ω
0
1
1
1
1
1
1
0
0
1
0
0
0
0
0
0
200
Ω
0
1
1
1
1
1
1
0
0
1
1
0
0
0
0
0
125
Ω
0
1
1
1
1
1
1
0
1
0
0
0
0
0
0
0
170
Ω
0
1
1
1
1
1
1
0
1
0
1
0
0
0
0
0
120
Ω
0
1
1
1
1
1
1
0
1
1
0
0
0
0
0
0
100
Ω
0
1
1
1
1
1
1
0
1
1
1
0
0
0
0
0
75
Ω
<CLK TERM> Internal termination – Option to terminate the LVDS CLK buffers inside the ADC to improve signal integrity. By
default, internal termination is disabled.
0
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
No termination Default after reset
0
1
1
1
1
1
1
0
0
0
0
0
0
1
0
0
325
Ω
0
1
1
1
1
1
1
0
0
0
0
0
1
0
0
0
200
Ω
0
1
1
1
1
1
1
0
0
0
0
0
1
1
0
0
125
Ω
0
1
1
1
1
1
1
0
0
0
0
1
0
0
0
0
170
Ω
0
1
1
1
1
1
1
0
0
0
0
1
0
1
0
0
120
Ω
0
1
1
1
1
1
1
0
0
0
0
1
1
0
0
0
100
Ω
0
1
1
1
1
1
1
0
0
0
0
1
1
1
0
0
75
Ω
In this mode, the 14 data outputs and the output clock are available as 3.3-V CMOS voltage levels. Each data
bit and the output clock is available on a separate pin in parallel. By default, the data outputs are valid during the
rising edge of the output clock. The output clock is CLKOUT (pin 5).
In both the LVDS and CMOS modes, the output clock can be moved around its default position. This can be
done using SEN pin 27 (as described in Table 5) or using the serial interface register bits <CLKOUT POSN>.
Using this allows to trade-off the setup and hold times leading to reliable data capture. There also exists an
option to align the output clock edge with the data transition.
Note that programming the output clock position also affects the clock propagation delay times.
Table 14. CLKOUT Position Programing
REGISTER ADDRESS
REGISTER DATA
DESCRIPTION
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
<CLKOUT POSN CMOS> – Output clock rising edge programmability in CMOS mode
0
1
1
0
0
0
1
0
0
0
0
0
0
0
0
1
Default position
0
1
1
0
0
0
1
0
0
0
0
0
0
0
1
1
Output clock rising edge later by (1/12)Ts
0
1
1
0
0
0
1
0
0
0
0
0
0
1
0
1
Output clock rising edge later by (3/12)Ts
0
1
1
0
0
0
1
0
0
0
0
0
0
1
1
1
Output clock rising edge later by (2/12)Ts
<CLKOUT POSN CMOS> – Output clock falling edge programmability in CMOS mode
0
1
1
0
0
0
1
0
0
0
0
0
0
0
0
1
Default position
0
1
1
0
0
0
1
0
0
0
0
0
1
0
0
1
Output clock falling edge later by (1/12)Ts
0
1
1
0
0
0
1
0
0
0
0
1
0
0
0
1
Output clock falling edge later by (3/12)Ts
0
1
1
0
0
0
1
0
0
0
0
1
1
0
0
1
Output clock falling edge later by (2/12)Ts
40
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com