Electronic Components Datasheet Search
  English  ▼

X  

LM5155 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM5155
Description  LM5155x-Q1 2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5155 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5155 Datasheet HTML 2Page - Texas Instruments LM5155 Datasheet HTML 3Page - Texas Instruments LM5155 Datasheet HTML 4Page - Texas Instruments LM5155 Datasheet HTML 5Page - Texas Instruments LM5155 Datasheet HTML 6Page - Texas Instruments LM5155 Datasheet HTML 7Page - Texas Instruments LM5155 Datasheet HTML 8Page - Texas Instruments LM5155 Datasheet HTML 9Page - Texas Instruments LM5155 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
8.3 Recommended Operating Conditions
Over the recommended operating junction temperature range of –40°C to 150°C (unless otherwise specified)(1)
MIN
NOM
MAX
UNIT
VBIAS
Bias input(2)
2.97
45
V
VVCC
VCC voltage(3)
2.97
16
V
VUVLO
UVLO input
0
45
V
VFB
FB input
0
3.7
V
fSW
Typical switching frequency
100
2200
kHz
fSYNC
Synchronization pulse frequency
100
2200
kHz
TJ
Operating junction temperature(4)
–40
150
°C
(1)
Operating Ratings are conditions under the device is intended to be functional. For specifications and test conditions, see Electrical
Characteristics.
(2)
BIAS pin operating range is from 2.97 V to 16 V when VCC is directly connected to BIAS. BIAS pin operating range is from 3.5 V to 45
V when VCC is supplied from the internal VCC regulator.
(3)
This pin voltage should be less than VBIAS + 0.3 V.
(4)
High junction temperatures degrade operating lifetimes. Operating lifetime is de-rated for junction temperatures greater than 125°C.
8.4 Thermal Information
THERMAL METRIC (1)
LM5155x-Q1
UNIT
DSS(WSON)
12 PINS
RθJA
Junction-to-ambient thermal resistance (LM5155EVM-BST)
37.0
°C/W
RθJA
Junction-to-ambient thermal resistance
60.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
60.1
°C/W
RθJB
Junction-to-board thermal resistance
28.8
°C/W
ψJT
Junction-to-top characterization parameter (LM5155EVM-BST)
1.2
°C/W
ψJT
Junction-to-top characterization parameter
2.0
°C/W
ψJB
Junction-to-board characterization parameter (LM5155EVM-BST)
18.7
°C/W
ψJB
Junction-to-board characterization parameter
28.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
7.1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
8.5 Electrical Characteristics
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over TJ = -40°C to 125°C. Unless otherwise
stated, VBIAS = 12 V, RT = 9.09 kΩ
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
ISHUTDOWN(BIAS)
BIAS shutdown current
VBIAS = 12 V, VUVLO = 0 V
2.6
5
uA
IOPERATING(BIAS)
BIAS operating current
VBIAS = 12 V, VUVLO = 2 V, VFB = VREF,
RT = 220 kΩ
480
540
uA
VCC REGULATOR
VVCC-REG
VCC regulation
VBIAS = 8 V, No load
6.5
6.85
7
V
VCC regulation
VBIAS = 8 V, IVCC = 35 mA
6.5
V
VVCC-UVLO(RISING)
VCC UVLO threshold
VCC rising
2.75
2.85
2.95
V
VCC UVLO hysteresis
VCC falling
0.063
V
IVCC-CL
VCC sourcing current limit
VBIAS = 10 V, VVCC = 0 V
35
105
mA
ENABLE
VEN(RISING)
Enable threshold
EN rising
0.4
0.52
0.7
V
LM5155-Q1, LM51551-Q1
SNVSAY4E – AUGUST 2018 – REVISED JANUARY 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LM5155-Q1 LM51551-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com