Electronic Components Datasheet Search
  English  ▼

X  

LM5155 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5155
Description  LM5155x-Q1 2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5155 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5155 Datasheet HTML 9Page - Texas Instruments LM5155 Datasheet HTML 10Page - Texas Instruments LM5155 Datasheet HTML 11Page - Texas Instruments LM5155 Datasheet HTML 12Page - Texas Instruments LM5155 Datasheet HTML 13Page - Texas Instruments LM5155 Datasheet HTML 14Page - Texas Instruments LM5155 Datasheet HTML 15Page - Texas Instruments LM5155 Datasheet HTML 16Page - Texas Instruments LM5155 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
BIAS
= VSUPPLY
UVLO
VCC
SS
GATE
2.7 V
0.52 V
2.85 V
50-µs
VCC UV delay
1.5 V
1 V
SS
1 V
=
VLOAD(TARGET)
VLOAD
Shutdown
Standby
tSS
4.5 V
UVLO should be greater than
0.55 V more than 1.5µs to start-up
1.5 µs
65-µs (typical)
internal start-up delay
SS is grounded
with 2 cycles
delay
> 35 µs
VLOAD
65-µs (typical)
internal start-up delay
Figure 9-3. Boost Start-Up Waveforms Case 2: Start-Up When VCC > 4.5 V, EN Toggle After Start-Up
The external UVLO resistor divider must be designed so that the voltage at the UVLO pin is greater than 1.5 V
(typical) when the input voltage is in the desired operating range. The values of RUVLOT and RUVLOB can be
calculated as shown in Equation 1 and Equation 2.
UVLO(FALLING)
SUPPLY(ON)
SUPPLY(OFF)
UVLO(RISING)
UVLOT
UVLO
V
V
V
V
R
I
u
(1)
where
• VSUPPLY(ON) is the desired start-up voltage of the converter.
• VSUPPLY(OFF) is the desired turnoff voltage of the converter.
UVLO(RISING)
UVLOT
UVLOB
SUPPLY(ON)
UVLO(RISING)
V
R
R
V
V
u
(2)
A UVLO capacitor (CUVLO) is required in case the input voltage drops below the VSUPPLY(OFF) momentarily during
the start-up or during a severe load transient at the low input voltage. If the required UVLO capacitor is large, an
additional series UVLO resistor (RUVLOS) can be used to quickly raise the voltage at the UVLO pin when the 5-
μA hysteresis current turns on.
www.ti.com
LM5155-Q1, LM51551-Q1
SNVSAY4E – AUGUST 2018 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LM5155-Q1 LM51551-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com