Electronic Components Datasheet Search
  English  ▼

X  

LM5155 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM5155
Description  LM5155x-Q1 2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5155 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM5155 Datasheet HTML 13Page - Texas Instruments LM5155 Datasheet HTML 14Page - Texas Instruments LM5155 Datasheet HTML 15Page - Texas Instruments LM5155 Datasheet HTML 16Page - Texas Instruments LM5155 Datasheet HTML 17Page - Texas Instruments LM5155 Datasheet HTML 18Page - Texas Instruments LM5155 Datasheet HTML 19Page - Texas Instruments LM5155 Datasheet HTML 20Page - Texas Instruments LM5155 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
9.3.5 Clock Synchronization (UVLO/SYNC Pin)
The switching frequency of the device can be synchronized to an external clock by pulling down the UVLO/
SYNC pin. The internal clock of the device is synchronized at the falling edge, but ignores the falling edge input
during the forced off-time which is determined by the maximum duty cycle limit. The external synchronization
clock must pull down the UVLO/SYNC pin voltage below 1.45 V (typical). The duty cycle of the pulldown pulse is
not limited, but the minimum pulldown pulse width must be greater than 150 ns, and the minimum pullup pulse
width must be greater than 250 ns. Figure 9-10 shows an implementation of the remote shutdown function. The
UVLO pin can be pulled down by a discrete MOSFET or an open-drain output of an MCU. In this configuration,
the device stops switching immediately after the UVLO pin is grounded, and the device shuts down 35 µs
(typical) after the UVLO pin is grounded.
UVLO/SYNC
V
SUPPLY
MCU
SHUTDOWN
Figure 9-10. UVLO and Shutdown
Figure 9-11 shows an implementation of shutdown and clock synchronization functions together. In this
configuration, the device stops switching immediately when the UVLO pin is grounded, and the device shuts
down if the fSYNC stays in high logic state for longer than 35 µs (typical) (UVLO is in low logic state for more than
35 µs (typical)). The device runs at fSYNC if clock pulses are provided after the device is enabled.
UVLO/SYNC
V
SUPPLY
MCU
F
SYNC
Figure 9-11. UVLO, Shutdown, and Clock Synchronization
Figure 9-13 and Figure 9-14 show implementations of standby and clock synchronization functions together. In
this configuration, the device stops switching immediately if fSYNC stays in high logic state and enters standby
mode if fSYNC stays in high logic state for longer than two switching cycles. The device runs at the fSYNC if clock
pulses are provided. Because the device can be enabled when the UVLO pin voltage is greater than the enable
threshold for more than 1.5 µs, the configurations in Figure 9-13 and Figure 9-14 are recommended if the
external clock synchronization pulses are provided from the start before the device is enabled. This 1.5-µs
requirement can be relaxed when the duty cycle of the synchronization pulse is greater than 50%. Figure 9-12
shows the required minimum duty cycle to start up by synchronization pulses. When the switching frequency is
greater than 1.1 MHz, the UVLO pin voltage should be greater than the enable threshold for more than 1.5 µs
before applying the external synchronization pulse.
www.ti.com
LM5155-Q1, LM51551-Q1
SNVSAY4E – AUGUST 2018 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LM5155-Q1 LM51551-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com