Electronic Components Datasheet Search
  English  ▼

X  

LM5155 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM5155
Description  LM5155x-Q1 2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5155 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM5155 Datasheet HTML 12Page - Texas Instruments LM5155 Datasheet HTML 13Page - Texas Instruments LM5155 Datasheet HTML 14Page - Texas Instruments LM5155 Datasheet HTML 15Page - Texas Instruments LM5155 Datasheet HTML 16Page - Texas Instruments LM5155 Datasheet HTML 17Page - Texas Instruments LM5155 Datasheet HTML 18Page - Texas Instruments LM5155 Datasheet HTML 19Page - Texas Instruments LM5155 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
less than VCC UVLO threshold, the UVLO is less than the UVLO threshold, during hiccup mode off-time or
thermal shutdown.
In boost topology, soft-start time (tSS) varies with the input supply voltage. The soft-start time in boost topology is
calculated as shown in Equation 3.
§
·
u ¨
¸
©
¹
SS
SUPPLY
SS
SS
LOAD
C
V
t
1
I
V
(3)
In SEPIC topology, the soft-start time (tSS) is calculated as follows.
SS
SS
SS
C
t
I
(4)
TI recommends choosing a soft-start time long enough so that the converter can start up without going into an
overcurrent state. See Section 9.3.10 for more detailed information.
Figure 9-8 shows an implementation of primary side soft start in flyback topology.
FB
COMP
SS
Figure 9-8. Primary-Side Soft-Start in Flyback
Figure 9-9 shows an implementation of secondary side soft start in flyback topology.
VLOAD
Secondary Side
Soft-start
Figure 9-9. Secondary-Side Soft Start in Flyback
9.3.4 Switching Frequency (RT Pin)
The switching frequency of the device can be set by a single RT resistor connected between the RT and the
AGND pins. The resistor value to set the RT switching frequency (fRT) is calculated as shown in Equation 5.
10
T
RT(TYPICAL)
2.21 10
R
955
f
u
(5)
The RT pin is regulated to 0.5 V by the internal RT regulator when the device is enabled.
LM5155-Q1, LM51551-Q1
SNVSAY4E – AUGUST 2018 – REVISED JANUARY 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LM5155-Q1 LM51551-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com