Electronic Components Datasheet Search
  English  ▼

X  

LM5155 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM5155
Description  LM5155x-Q1 2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5155 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM5155 Datasheet HTML 15Page - Texas Instruments LM5155 Datasheet HTML 16Page - Texas Instruments LM5155 Datasheet HTML 17Page - Texas Instruments LM5155 Datasheet HTML 18Page - Texas Instruments LM5155 Datasheet HTML 19Page - Texas Instruments LM5155 Datasheet HTML 20Page - Texas Instruments LM5155 Datasheet HTML 21Page - Texas Instruments LM5155 Datasheet HTML 22Page - Texas Instruments LM5155 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
UVLO/SYNC
MCU
F
SYNC
10
Figure 9-15. Shutdown and Clock Synchronization
Figure 9-16 shows an implementation of inverted enable using external circuit.
UVLO/SYNC
V
SUPPLY
LMV431
Figure 9-16. Inverted UVLO
The external clock frequency (fSYNC) must be within +25% and –30% of fRT(TYPICAL). Because the maximum duty
cycle limit and the peak current limit with slope resistor (RSL) are affected by the clock synchronization, take
extra care when using the clock synchronization function. See Section 9.3.6, Section 9.3.7, and Section 9.3.11
for more information.
9.3.6 Current Sense and Slope Compensation (CS Pin)
The device has a low-side current sense and provides both fixed and optional programmable slope
compensation ramps, which help to prevent subharmonic oscillation at high duty cycle. Both fixed and
programmable slope compensation ramps are added to the sensed inductor current input for the PWM
operation, but only the programmable slope compensation ramp is added to the sensed inductor current input
(see Figure 9-17). For an accurate peak current limit operation over the input supply voltage, TI recommends
using only the fixed slope compensation (see Figure 8-5).
The device can generate the programmable slope compensation ramp using an external slope resistor (RSL) and
a sawtooth current source with a slope of 30 μA × fRT. This current flows out of the CS pin.
www.ti.com
LM5155-Q1, LM51551-Q1
SNVSAY4E – AUGUST 2018 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LM5155-Q1 LM51551-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com