Electronic Components Datasheet Search
  English  ▼

X  

LP5860 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LP5860
Description  LP5860T 11 × 18 LED High-Current Matrix Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5860 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LP5860 Datasheet HTML 28Page - Texas Instruments LP5860 Datasheet HTML 29Page - Texas Instruments LP5860 Datasheet HTML 30Page - Texas Instruments LP5860 Datasheet HTML 31Page - Texas Instruments LP5860 Datasheet HTML 32Page - Texas Instruments LP5860 Datasheet HTML 33Page - Texas Instruments LP5860 Datasheet HTML 34Page - Texas Instruments LP5860 Datasheet HTML 35Page - Texas Instruments LP5860 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
Register
Acronym
Address Type
D7
D6
D5
D4
D3
D2
D1
D0
Default
Dot_lod30
083h
R
Dot L10-
CS7 LOD
Dot L10-
CS6 LOD
Dot L10-
CS5 LOD
Dot L10-
CS4 LOD
Dot L10-
CS3 LOD
Dot L10-
CS2 LOD
Dot L10-
CS1 LOD
Dot L10-
CS0 LOD
00h
Dot_lod31
084h
R
Dot L10-
CS15
LOD
Dot L10-
CS14
LOD
Dot L10-
CS13
LOD
Dot L10-
CS12
LOD
Dot L10-
CS11
LOD
Dot L10-
CS10
LOD
Dot L10-
CS9 LOD
Dot L10-
CS8 LOD
00h
Dot_lod32
085h
R
Reserved
Dot L10-
CS17
LOD
Dot L10-
CS16
LOD
00h
Dot_lsd0
086h
R
Dot L0-
CS7 LSD
Dot L0-
CS6 LSD
Dot L0-
CS5 LSD
Dot L0-
CS4 LSD
Dot L0-
CS3 LSD
Dot L0-
CS2 LSD
Dot L0-
CS1 LSD
Dot L0-
CS0 LSD
00h
Dot_lsd1
087h
R
Dot L0-
CS15
LSD
Dot L0-
CS14
LSD
Dot L0-
CS13
LSD
Dot L0-
CS12
LSD
Dot L0-
CS11
LSD
Dot L0-
CS10
LSD
Dot L0-
CS9 LSD
Dot L0-
CS8 LSD
00h
Dot_lsd2
088h
R
Reserved
Dot L0-
CS17
LSD
Dot L0-
CS16
LSD
00h
Dot_lsd3
089h
R
Dot L1-
CS7 LSD
Dot L1-
CS6 LSD
Dot L1-
CS5 LSD
Dot L1-
CS4 LSD
Dot L1-
CS3 LSD
Dot L1-
CS2 LSD
Dot L1-
CS1 LSD
Dot L1-
CS0 LSD
00h
Dot_lsd4
08Ah
R
Dot L1-
CS15
LSD
Dot L1-
CS14
LSD
Dot L1-
CS13
LSD
Dot L1-
CS12
LSD
Dot L1-
CS11
LSD
Dot L1-
CS10
LSD
Dot L1-
CS9 LSD
Dot L1-
CS8 LSD
00h
Dot_lsd5
08Bh
R
Reserved
Dot L1-
CS17
LSD
Dot L1-
CS16
LSD
00h
Dot_lsd6
08Ch
R
Dot L2-
CS7 LSD
Dot L2-
CS6 LSD
Dot L2-
CS5 LSD
Dot L2-
CS4 LSD
Dot L2-
CS3 LSD
Dot L2-
CS2 LSD
Dot L2-
CS1 LSD
Dot L2-
CS0 LSD
00h
Dot_lsd7
08Dh
R
Dot L2-
CS15
LSD
Dot L2-
CS14
LSD
Dot L2-
CS13
LSD
Dot L2-
CS12
LSD
Dot L2-
CS11
LSD
Dot L2-
CS10
LSD
Dot L2-
CS9 LSD
Dot L2-
CS8 LSD
00h
Dot_lsd8
08Eh
R
Reserved
Dot L2-
CS17
LSD
Dot L2-
CS16
LSD
00h
Dot_lsd9
08Fh
R
Dot L3-
CS7 LSD
Dot L3-
CS6 LSD
Dot L3-
CS5 LSD
Dot L3-
CS4 LSD
Dot L3-
CS3 LSD
Dot L3-
CS2 LSD
Dot L3-
CS1 LSD
Dot L3-
CS0 LSD
00h
Dot_lsd10
090h
R
Dot L3-
CS15
LSD
Dot L3-
CS14
LSD
Dot L3-
CS13
LSD
Dot L3-
CS12
LSD
Dot L3-
CS11
LSD
Dot L3-
CS10
LSD
Dot L3-
CS9 LSD
Dot L3-
CS8 LSD
00h
Dot_lsd11
091h
R
Reserved
Dot L3-
CS17
LSD
Dot L3-
CS16
LSD
00h
Dot_lsd12
092h
R
Dot L4-
CS7 LSD
Dot L4-
CS6 LSD
Dot L4-
CS5 LSD
Dot L4-
CS4 LSD
Dot L4-
CS3 LSD
Dot L4-
CS2 LSD
Dot L4-
CS1 LSD
Dot L4-
CS0 LSD
00h
Dot_lsd13
093h
R
Dot L4-
CS15
LSD
Dot L4-
CS14
LSD
Dot L4-
CS13
LSD
Dot L4-
CS12
LSD
Dot L4-
CS11
LSD
Dot L4-
CS10
LSD
Dot L4-
CS9 LSD
Dot L4-
CS8 LSD
00h
Dot_lsd14
094h
R
Reserved
Dot L4-
CS17
LSD
Dot L4-
CS16
LSD
00h
Dot_lsd15
095h
R
Dot L5-
CS7 LSD
Dot L5-
CS6 LSD
Dot L5-
CS5 LSD
Dot L5-
CS4 LSD
Dot L5-
CS3 LSD
Dot L5-
CS2 LSD
Dot L5-
CS1 LSD
Dot L5-
CS0 LSD
00h
Dot_lsd16
096h
R
Dot L5-
CS15
LSD
Dot L5-
CS14
LSD
Dot L5-
CS13
LSD
Dot L5-
CS12
LSD
Dot L5-
CS11
LSD
Dot L5-
CS10
LSD
Dot L5-
CS9 LSD
Dot L5-
CS8 LSD
00h
Dot_lsd17
097h
R
Reserved
Dot L5-
CS17
LSD
Dot L5-
CS16
LSD
00h
LP5860T
SNVSCE1 – MAY 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LP5860T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com