Electronic Components Datasheet Search
  English  ▼

X  

LP5860 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP5860
Description  LP5860T 11 × 18 LED High-Current Matrix Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5860 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP5860 Datasheet HTML 13Page - Texas Instruments LP5860 Datasheet HTML 14Page - Texas Instruments LP5860 Datasheet HTML 15Page - Texas Instruments LP5860 Datasheet HTML 16Page - Texas Instruments LP5860 Datasheet HTML 17Page - Texas Instruments LP5860 Datasheet HTML 18Page - Texas Instruments LP5860 Datasheet HTML 19Page - Texas Instruments LP5860 Datasheet HTML 20Page - Texas Instruments LP5860 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
Table 8-3. Individual 8-bit Dot Current (DC) Setting (continued)
8-BIT DC REGISTER
RATIO OF OUTPUT CURRENT TO IOUT_MAX × CC/127
Binary
Decimal
%
- - -
- - -
- - -
1000 0000 (Default)
128 (Default)
50.2 (Default)
- - -
- - -
- - -
1111 1101
253
99.2
1111 1110
254
99.6
1111 1111
255
100
In summary, the current gain of each current sink can be calculated as below:
IOUT (mA) = IOUT_MAX × (CC/127) × (DC/255)
(3)
For time-multiplexing scan scheme, if the scan number is N, each LED dot's average current IAVG is shown as
below:
IAVG (mA) = IOUT/N = IOUT_MAX × (CC/127) × (DC/255)/N
(4)
8.3.3 PWM Dimming
There are several methods to control the PWM duty cycle of each LED dot.
• Individual 8-bit / 16-bit PWM for Each LED Dot
Every LED has an individual 8-bit or 16-bit PWM register that is used to change the LED brightness by PWM
duty. The LP5860T uses an enhanced spectrum PWM (ES-PWM) algoithm to achieve 16-bit depth with high
refresh rate and this can avoid flicker under high speed camera. Comparing with conventional 8-bit PWM,
16-bit PWM can help to achieve ultimate high dimming resolution in LED animation applications.
• 3 Programmable Groups of 8-bit PWM Dimming
The group PWM Control is used to select LEDs into 1 to 3 groups while each group has a separate register
for PWM control. Every LED has 2-bit selection in LED_DOT_GROUP Registers (x = 0, 1, … , 54) to select
whether the LED dot belongs to one of the three groups or not:
– 00: not a member of any group
– 01: member of group 1
– 10: member of group 2
– 11: member of group 3
• 8-bit PWM for Global Dimming
The Global PWM Control function affects all LEDs simultaneously.
The final PWM duty cycle can be calculated as below:
PWM_Final(8-bit) = PWM_Individual(8-bit) × PWM_Group(8-bit) × PWM_ Global(8-bit)
(5)
PWM_Final(16-bit) = PWM_Individual(16-bit) × PWM_Group(8-bit) × PWM_ Global(8-bit)
(6)
The LP5860T supports 125-kHz or 62.5-kHz PWM output frequency. The PWM frequency is selected by
configuring the 'PWM_Fre' in Dev_initial register. An internal 31.2-MHz oscillator is used for generating PWM
outputs. The oscillator’s high accuracy design (ƒOSC_ERR ≤ ± 3%) enables a better synchronization if multiple
LP5860T devices are connected together.
A PWM phase-shifting scheme is implemented in each current sink to avoid the current overshot when turning
on simultaneously. As the LED drivers are not activated simultaneously, the peak load current from the pre-stage
power supply is significantly decreased. This scheme also reduces input-current ripple and ceramic-capacitor
audible ringing. LED drivers are grouped into three different phases. By configuring the 'PWM_Phase_Shift' in
www.ti.com
LP5860T
SNVSCE1 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LP5860T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com