Electronic Components Datasheet Search
  English  ▼

X  

LP5860 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LP5860
Description  LP5860T 11 × 18 LED High-Current Matrix Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5860 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP5860 Datasheet HTML 14Page - Texas Instruments LP5860 Datasheet HTML 15Page - Texas Instruments LP5860 Datasheet HTML 16Page - Texas Instruments LP5860 Datasheet HTML 17Page - Texas Instruments LP5860 Datasheet HTML 18Page - Texas Instruments LP5860 Datasheet HTML 19Page - Texas Instruments LP5860 Datasheet HTML 20Page - Texas Instruments LP5860 Datasheet HTML 21Page - Texas Instruments LP5860 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
Dev_config1 register, which is default off, the LP5860T supports tphase_shift = 125-ns shifting time shown in Figure
8-4.
• Phase 1: CS0, CS3, CS6, CS9, CS12, CS15.
• Phase 2: CS1, CS4, CS7, CS10, CS13, CS16.
• Phase 3: CS2, CS5, CS8, CS11, CS14, CS17.
Phase 1
Phase 2
Phase 3
Phase Shi
Phase Shi
Figure 8-4. Phase Shift
To avoid high current sinks output ripple during line switching, current sinks can be configured to turn on with 1
clock delay (62.5ns or 31.25ns according to the PWM frequency) after lines turn on, as shown in Figure 8-3. This
function can be configured by 'CS_ON_Shift' in Dev_config1 register.
The LP5860T allows users to configure the dimming scale either exponentially (Gamma Correction) or linearly
through the 'PWM_Scale_Mode' in Dev_config1 register. If a human-eye-friendly dimming curve is desired, using
the internal fixed exponential scale is an easy approach. If a special dimming curve is desired, using the linear
scale with software correction is recommended. The LP5860T supports both linear and exponential dimming
curves under 8-bit and 16-bit PWM depth. Figure 8-5 is an example of 8-bit PWM depth.
100 %
80 %
60 %
40 %
20 %
0 %
0
32
64
96
128
160
192
224
255
PWM_Final (8 bits)
Linear Scale
Exponen al Scale
Figure 8-5. Linear and Exponential Dimming Curves
In summary, the PWM control method is illustrated as Figure 8-6:
LP5860T
SNVSCE1 – MAY 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LP5860T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com