Electronic Components Datasheet Search
  English  ▼

X  

LP5860 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LP5860
Description  LP5860T 11 × 18 LED High-Current Matrix Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5860 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LP5860 Datasheet HTML 15Page - Texas Instruments LP5860 Datasheet HTML 16Page - Texas Instruments LP5860 Datasheet HTML 17Page - Texas Instruments LP5860 Datasheet HTML 18Page - Texas Instruments LP5860 Datasheet HTML 19Page - Texas Instruments LP5860 Datasheet HTML 20Page - Texas Instruments LP5860 Datasheet HTML 21Page - Texas Instruments LP5860 Datasheet HTML 22Page - Texas Instruments LP5860 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
PWM_Individual (8-bits)
8-bits
PWM_Final (8-bits)
PWM Generator
PWM_Individual (16-bits)
16-bits
PWM_Final (16-bits)
Figure 8-6. PWM Control Scheme
8.3.4 ON and OFF Control
The LP5860T device supports the individual ON and OFF control of each LED. For indication purpose, users can
turn on and off the LED directly by writing 1-bit ON and OFF data to the corresponding Dot_onoffx (x = 0, 1, … ,
32) register.
8.3.5 Data Refresh Mode
The LP5860T supports three data refresh modes: Mode 1, Mode 2, and Mode 3, by configuring
'Data_Ref_Mode' in Dev_initial register.
Mode 1: 8-bit PWM data without VSYNC command. Data is sent out for display instantly after received. With
Mode1, users can refresh the corresponding dots' data only instead of updating the whole SRAM. It is called ‘on
demand data refresh’, which can save the total data volume effectively. As shown in Figure 8-7, the red LED
dots can be refreshed after sending the corresponding data while the others kept the same with last frame.
Frame N-1
Frame N
Figure 8-7. On Demand Data Refresh - Mode 1
Mode 2: 8-bit PWM data with VSYNC command. Data is held and sent out simultaneously by frame after
receiving the VSYNC command.
Mode 3: 16-bit PWM data with VSYNC command. Data is held and sent out simultaneously by frame after
receiving the VSYNC command.
Frame control is implemented in Mode 2 and Mode 3. Instead of refreshing the output instantly after data
is received (Mode 1), the device holds the data and refreshes the whole frame data by a fixed frame rate,
fVSYNC. Usually, 24 Hz, 50 Hz, 60 Hz, 120Hz or even higher frame rate is selected to achieve vivid animation
effects. Whole SRAM Data Refresh is shown in Figure 8-8, a new frame is updated after receiving the VSYNC
command.
Frame N-1
Frame N
Figure 8-8. Whole SRAM Data Refresh
www.ti.com
LP5860T
SNVSCE1 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LP5860T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com