Electronic Components Datasheet Search
  English  ▼

X  

LP5860 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP5860
Description  LP5860T 11 × 18 LED High-Current Matrix Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5860 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP5860 Datasheet HTML 12Page - Texas Instruments LP5860 Datasheet HTML 13Page - Texas Instruments LP5860 Datasheet HTML 14Page - Texas Instruments LP5860 Datasheet HTML 15Page - Texas Instruments LP5860 Datasheet HTML 16Page - Texas Instruments LP5860 Datasheet HTML 17Page - Texas Instruments LP5860 Datasheet HTML 18Page - Texas Instruments LP5860 Datasheet HTML 19Page - Texas Instruments LP5860 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
channels are off and new MC data is only updated when the 'Chip_EN' bit in Chip_en register is set to 0, and
after the 'Chip_EN' returns to 1, the new MC data is effective. 'Down_Deghost' and 'Up_Deghost' in Dev_config3
work in the similar way with MC.
Table 8-1. Maximum Current (MC) Register Setting
3-BITS MAXIMUM_CURRENT REGISTER
IOUT_MAX
Binary
Decimal
mA
000
0
7.5
001
1
12.5
010
2
25
011 (Default)
3 (Default)
37.5 (Default)
100
4
50
101
5
75
110
6
100
3 Groups of 7-Bits Color Current (CC) Setting
The LP5860T device is able to adjust the output current of three color groups separately. For each color, the
device has 7-bits data in 'CC_Group1', 'CC_Group2', and 'CC_Group3'. Thus, all color group currents can be
adjusted in 128 steps from 0% to 100% of the maximum output current, IOUT_MAX.
The 18 current sinks have fixed mapping to the three color groups:
• CC-Group 1: CS0, CS3, CS6, CS9, CS12, CS15.
• CC-Group 2: CS1, CS4, CS7, CS10, CS13, CS16.
• CC-Group 3: CS2, CS5, CS8, CS11, CS14, CS17.
Table 8-2. 3 Groups of 7-bits Color Current (CC) Setting
7-BITS CC_GROUP1/CC_GROUP2/CC_GROUP3 REGISTER
RATIO OF OUTPUT CURRENT TO IOUT_MAX
Binary
Decimal
%
000 0000
0
0
000 0001
1
0.79
000 0010
2
1.57
- - -
- - -
- - -
100 0000 (default)
64 (default)
50.4 (default)
- - -
- - -
- - -
111 1101
125
98.4
111 1110
126
99.2
111 1111
127
100
Individual 8-bit Dot Current (DC) Setting
The LP5860T can individually adjust the output current of each LED by using dot current function through DC
setting. The device allows the brightness deviations of the LEDs to adjusted be individually. Each output DC is
programmed with an 8-bit depth, so the value can be adjusted with 256 steps within the range from 0% to 100%
of (IOUT_MAX × CC/127).
Table 8-3. Individual 8-bit Dot Current (DC) Setting
8-BIT DC REGISTER
RATIO OF OUTPUT CURRENT TO IOUT_MAX × CC/127
Binary
Decimal
%
0000 0000
0
0
0000 0001
1
0.39
0000 0010
2
0.78
LP5860T
SNVSCE1 – MAY 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LP5860T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com