Electronic Components Datasheet Search
  English  ▼

X  

LP5860 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # LP5860
Description  LP5860T 11 × 18 LED High-Current Matrix Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5860 Datasheet(HTML) 49 Page - Texas Instruments

Back Button LP5860 Datasheet HTML 45Page - Texas Instruments LP5860 Datasheet HTML 46Page - Texas Instruments LP5860 Datasheet HTML 47Page - Texas Instruments LP5860 Datasheet HTML 48Page - Texas Instruments LP5860 Datasheet HTML 49Page - Texas Instruments LP5860 Datasheet HTML 50Page - Texas Instruments LP5860 Datasheet HTML 51Page - Texas Instruments LP5860 Datasheet HTML 52Page - Texas Instruments LP5860 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
9.2.4 Application Performance Plots
The following figures show the application performance plots.
Figure 9-3. Scan Lines and Current Sinks
Waveforms of SW0, SW1, CS0, CS1
PWM frequency = 62.5 kHz
Figure 9-4. Scan Lines and Current Sinks
Waveforms of SW0, SW1, CS0, CS1
PWM frequency = 125 kHz
Figure 9-5. Scan Lines and Current Sinks
Waveforms of SW0, SW1, CS0, CS1
Switch blank time tSW_BLK = 0.5 μs
Figure 9-6. Scan Lines Switching Waveforms of
SW0, SW1, SW2
Switch blank time tSW_BLK = 1 μs
Figure 9-7. Scan Lines Switching Waveforms of
SW0, SW1, SW2
PWM_Phase_Shift = 0h
Figure 9-8. PWM Phase Shift Disabled
www.ti.com
LP5860T
SNVSCE1 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: LP5860T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com