Electronic Components Datasheet Search
  English  ▼

X  

UCD9080 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # UCD9080
Description  8-CHANNEL POWER SUPPLY SEQUENCER AND MONITOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD9080 Datasheet(HTML) 13 Page - Texas Instruments

Back Button UCD9080 Datasheet HTML 9Page - Texas Instruments UCD9080 Datasheet HTML 10Page - Texas Instruments UCD9080 Datasheet HTML 11Page - Texas Instruments UCD9080 Datasheet HTML 12Page - Texas Instruments UCD9080 Datasheet HTML 13Page - Texas Instruments UCD9080 Datasheet HTML 14Page - Texas Instruments UCD9080 Datasheet HTML 15Page - Texas Instruments UCD9080 Datasheet HTML 16Page - Texas Instruments UCD9080 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
www.ti.com
CONFIGURING AND MONITORING THE UCD9080
MONITORING THE UCD9080
Register Map
UCD9080
SLVS692A – SEPTEMBER 2006 – REVISED DECEMBER 2006
The UCD9080 supports both configuration and monitoring using its I2C slave interface.
For monitoring of the sequencer, there is an I2C memory map that is used that allows an I2C host to perform
memory mapped reads (and in some cases writes) that reports status information from the UCD9080. For
instance, all rails can report their voltage through the I2C memory map. For information on which parameters are
available via the I2C memory map, see the Monitoring the UCD9080 section.
To change configuration parameters of the sequencer, a different mechanism is used. The entire set of
configuration parameters must be written at one time to the device as one large transaction over the I2C
interface. This ensures that the configuration of the device is consistent at any given time. The process for
configuring the UCD9080 is described below in the section titled Configuring the UCD9080 section.
The UCD9080 allows all monitoring of the system through the I2C interface on the device. The following is the
memory map of the supported registers in the system. The detail of each of these registers is given in the next
section as well.
Note that the UCD9080 supports functionality to automatically increment the I2C register address value when a
register is being accessed, to more efficiently access blocks of like registers. The table below also shows the
amount that the register address is incremented for each register access.
REGISTER NAME
ADDRESS
ACCESS
ADJUSTMENT AFTER ACCESS
RAIL1H
0x00
r
+1 (0x01)
RAIL1L
0x01
r
+1 (0x02)
RAIL2H
0x02
r
+1 (0x03)
RAIL2L
0x03
r
+1 (0x04)
RAIL3H
0x04
r
+1 (0x05)
RAIL3L
0x05
r
+1 (0x06)
RAIL4H
0x06
r
+1 (0x07)
RAIL4L
0x07
r
+1 (0x08)
RAIL5H
0x08
r
+1 (0x09)
RAIL5L
0x09
r
+1 (0x0A)
RAIL6H
0x0A
r
+1 (0x0B)
RAIL6L
0x0B
r
+1 (0x0C)
RAIL7H
0x0C
r
+1 (0x0D)
RAIL7L
0x0D
r
+1 (0x0E)
RAIL8H
0x0E
r
+1 (0x0F)
RAIL8L
0x0F
r
–15 (0x00)
ERROR1
0x20
r
+1 (0x21)
ERROR2
0x21
r
+1 (0x22)
ERROR3
0x22
r
+1 (0x23)
ERROR4
0x23
r
+1 (0x24)
ERROR5
0x24
r
+1 (0x25)
ERROR6
0x25
r
–5 (0x20)
STATUS
0x26
r
+0 (0x26)
RAILSTATUS1
0x28
r
+1 (0x29)
RAILSTATUS2
0x29
r
–1 (0x28)
FLASHLOCK
0x2E
rw
0 (0x2E)
RESTART
0x2F
w
+0 (0x2F)
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com