Electronic Components Datasheet Search
  English  ▼

X  

UCD9080 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # UCD9080
Description  8-CHANNEL POWER SUPPLY SEQUENCER AND MONITOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD9080 Datasheet(HTML) 17 Page - Texas Instruments

Back Button UCD9080 Datasheet HTML 13Page - Texas Instruments UCD9080 Datasheet HTML 14Page - Texas Instruments UCD9080 Datasheet HTML 15Page - Texas Instruments UCD9080 Datasheet HTML 16Page - Texas Instruments UCD9080 Datasheet HTML 17Page - Texas Instruments UCD9080 Datasheet HTML 18Page - Texas Instruments UCD9080 Datasheet HTML 19Page - Texas Instruments UCD9080 Datasheet HTML 20Page - Texas Instruments UCD9080 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
www.ti.com
FLASHLOCK
FLASHLOCK
7
6
5
4
3
2
1
0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
FLASHLOCK
0x00
FLASHislocked(default)
0x01
FLASHisbeingupdated
0x02
Unlockflash(beforeconfiguration)
RESTART
WADDR and WDATA
Address
0
7
8
15
rw-0x00
rw-0x00
WADDR2
(0x31)
WADDR1
(0x30)
UCD9080
SLVS692A – SEPTEMBER 2006 – REVISED DECEMBER 2006
Bits 15:8 are RAILSTATUS1 and bits 7:0 are RAILSTATUS2. These are read as two 8-bit registers or as a
single 16-bit register.
If a bit is set in these registers, then the ERROR register is read to further ascertain the specific error. Bits in the
RAILSTATUS1 and RAILSTATUS2 registers are cleared when read.
The FLASHLOCK I2C command is used to lock and unlock the configuration memory on the UCD9080 when
updating the configuration. The section below (Configuring the UCD9080) details this process.
The format for the FLASHLOCK command is as follows:
The RESTART register provides the capability for the I2C host to force a re-initialization and restart of the
UCD9080. This is an 8-bit register and when written to with a 0, the UCD9080 is restarted and the rails are
resequenced. This is useful for restarting the sequencer after the configuration for the system is changed. In
order to properly restart the system, this register must be written to a 0.
Note that in order to respond to this I2C request properly, there is a 50-
µs delay before the system is restarted,
so that the I2C ACK can take place.
In order to update the configuration on the UCD9080, two primitive commands are provided in the I2C memory
map, WADDR and WDATA (see NOTE). Each of these registers are 8-bits and there are two of each (e.g.,
WADDR1, WADDR2 and WDATA1, WDATA2) to be able to write addresses and data of up to 16b.
NOTE:
In addition to updating the WADDR and WDATA commands, users can use the
FLASHLOCK command to perform configuration updates to the UCD9080.
The format for the WADDR command is as follows:
To set the address in the UCD9080 to write, write the LSB of the address to the WADDR1 register and the MSB
of the address to the WADDR2 register. For example, to write the address 0x1234 to the device, set WADDR1 =
0x34 and WADDR2 = 0x12. Note that since these addresses support the auto-increment feature, the user can
perform a single 16b write to WADDR1 to write the entire address.
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com