Electronic Components Datasheet Search
  English  ▼

X  

UCD9080 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # UCD9080
Description  8-CHANNEL POWER SUPPLY SEQUENCER AND MONITOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD9080 Datasheet(HTML) 16 Page - Texas Instruments

Back Button UCD9080 Datasheet HTML 12Page - Texas Instruments UCD9080 Datasheet HTML 13Page - Texas Instruments UCD9080 Datasheet HTML 14Page - Texas Instruments UCD9080 Datasheet HTML 15Page - Texas Instruments UCD9080 Datasheet HTML 16Page - Texas Instruments UCD9080 Datasheet HTML 17Page - Texas Instruments UCD9080 Datasheet HTML 18Page - Texas Instruments UCD9080 Datasheet HTML 19Page - Texas Instruments UCD9080 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
www.ti.com
STATUS
IICError RAIL error NVERRLOG
RegisterStatus
0
1
2
3
4
5
6
7
rc-0
rc-0
rc-0
r
r-0
r-0
IICError
0
1
Meaning
NoI2CPHY layererror
I2CPHY layererror
RAIL Error
0
1
Meaning
NoRAIL errorpending
RAIL errorpending
NVERRLOG
0
1
Meaning
ERRORpointstorun-timelogs
ERRORpointstonon-volatilelogs
Register
Status
00
01
10
11
Meaning
NoError
Invalid Address
Read AccessError
Write AccessError
r-0
RAILSTATUS
14
15
13
12
11
10
9
8
7
6
5
4
3
2
1
0
rc-0
rc-0
rc-0
rc-0
rc-0
rc-0
rc-0
rc-0
RAIL8
rc-0
rc-0
rc-0
rc-0
rc-0
rc-0
rc-0
rc-0
RAIL7 RAIL6 RAIL5 RAIL4 RAIL3 RAIL2 RAIL1
RAILnMeaning
0=>No AlarmPendingforR
n
1=> AlarmPendingforRAILn
AIL
UCD9080
SLVS692A – SEPTEMBER 2006 – REVISED DECEMBER 2006
Error conditions encountered during processing will post error logs to this register. There are some exceptions.
This register is internally managed as a FIFO where errors are posted to the FIFO as they occur and read out of
the FIFO via I2C accesses. The FIFO is only posted to by the UCD9080 if it has room to write, due to the
unknown latency of the system reading out of this FIFO. Note that there is no real-time impact to the processing
of the UCD9080 if this FIFO is full and cannot be posted to.
The device time is reset by the following conditions:
1. Device Reset
2. A restart command issued to the device by the host via I2C.
3. A Resequence action is taken.
The STATUS is an 8-bit read-only register. This register provides real-time status information about the state of
the UCD9080. The following bits are defined.
Reading of the STATUS register clears the register except for the NVERRLOG bit, which is maintained until the
device is reset. Descriptions of the different errors are below.
The IICERROR bit is set when an I2C access fails. This is most often a case where the user has accessed an
invalid address, or performed an illegal number of operations for a given register (for example, reading 3 bytes
of a 2-byte register). In the event of an I2C error when the I2CERROR is set, bits 1:0 of the STATUS register
further define the nature of the error as shown above.
The RAIL error bit is set to alert the user to an issue with one of the voltage rails. When this bit is set, the user is
advised to then query the RAILSTATUS register to further ascertain which RAIL input(s) have an issue. The
user may then query the ERROR<n> registers to get further information about the nature of the error condition.
The NVERRLOG bit is set to 1 upon device initialization if the UCD9080 was restarted from a shutdown
sequence of a RAIL declared as critical. The purpose of this bit is to allow the user to differentiate between
stored error logs and real time error logs, and is useful for a post-mortem debug. Note that this bit is the only bit
that is not automatically cleared by a read of the STATUS register; this bit is only cleared at device reset if the
non-volatile error logs are empty.
When the IICERROR bit is set, the Register Status bits provide further information about the type of I2C error
that has been detected, as indicated above.
The RAILSTATUS1 and RAILSTATUS2 registers are two 8-bit read-only registers that provide a bit-mask that
represent the error status of the rails as indicated in the diagram below.
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com