Electronic Components Datasheet Search
  English  ▼

X  

UCD9080 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # UCD9080
Description  8-CHANNEL POWER SUPPLY SEQUENCER AND MONITOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD9080 Datasheet(HTML) 23 Page - Texas Instruments

Back Button UCD9080 Datasheet HTML 19Page - Texas Instruments UCD9080 Datasheet HTML 20Page - Texas Instruments UCD9080 Datasheet HTML 21Page - Texas Instruments UCD9080 Datasheet HTML 22Page - Texas Instruments UCD9080 Datasheet HTML 23Page - Texas Instruments UCD9080 Datasheet HTML 24Page - Texas Instruments UCD9080 Datasheet HTML 25Page - Texas Instruments UCD9080 Datasheet HTML 26Page - Texas Instruments UCD9080 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
www.ti.com
SequenceEventData
SEQPARAM
RAILDATA
6
7
8
9
10
13
14
15
100
101
110
111
Retry2times
Retry1time
Shutdown
Retryforever
0
1
2
3
4
5
11
12
001
010
011
SEQPARAM
Meaning
000
Ignore
RAILDATA Meaning
ENABLE inSequenceEventParametersregister
01Delay(ms)
10Volatge(V)
11Delay(mS)
Resequenceaftershutdown
Retry4times
Retry3times
UCD9080
SLVS692A – SEPTEMBER 2006 – REVISED DECEMBER 2006
The SequenceEventData field in the configuration parameters specifies each rail’s sequencing parameters. The
address map for all these registers is as follows:
ADDRESS
SIZE
DEFAULT VALUE
DESCRIPTION
0xE098
2
0xE005
Rail 1 sequencing and shutdown parameters.
0xE09A
2
0xA005
Rail 2 sequencing and shutdown parameters.
0xE09C
2
0xE032
Rail 3 sequencing and shutdown parameters.
0xE09E
2
0xE033
Rail 4 sequencing and shutdown parameters.
0xE0A0
2
0xE033
Rail 5 sequencing and shutdown parameters.
0xE0A2
2
0xE035
Rail 6 sequencing and shutdown parameters.
0xE0A4
2
0xE035
Rail 7 sequencing and shutdown parameters.
0xE0A6
2
0x0000
Rail 8 sequencing and shutdown parameters.
0xE0A8
2
0x0000
GPO1 sequencing and shutdown parameters.
0xE0AA
2
0x0000
GPO2 sequencing and shutdown parameters.
0xE0AC
2
0x0000
GPO3 sequencing and shutdown parameters.
0xE0AE
2
0x0000
GPO4 sequencing and shutdown parameters.
The format for each register is as follows:
23
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com