Electronic Components Datasheet Search
  English  ▼

X  

UCD9080 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # UCD9080
Description  8-CHANNEL POWER SUPPLY SEQUENCER AND MONITOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD9080 Datasheet(HTML) 21 Page - Texas Instruments

Back Button UCD9080 Datasheet HTML 17Page - Texas Instruments UCD9080 Datasheet HTML 18Page - Texas Instruments UCD9080 Datasheet HTML 19Page - Texas Instruments UCD9080 Datasheet HTML 20Page - Texas Instruments UCD9080 Datasheet HTML 21Page - Texas Instruments UCD9080 Datasheet HTML 22Page - Texas Instruments UCD9080 Datasheet HTML 23Page - Texas Instruments UCD9080 Datasheet HTML 24Page - Texas Instruments UCD9080 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
www.ti.com
CONFIGURATION PARAMETERS DETAIL
SequenceEventParameters
ENABLE
MON
RAIL/GPO
0
0
1
2
3
4
5
6
7
GPO
RAIL
GPO#(n)+7,GPO=8,9,0xA,0xB
Rail#(n)-1,RAIL =0through7
MON
0
1
Meaning
Donotmonitorrailstatus(foreventsequencingofGPOs)
Monitorrailstatus
ENABLE
00
01
10
11
Meaning
Sequenceisdisabled
Sequence is triggered after delay after sequence event
Sequence is triggered after parent rails achieves voltage level
Sequence is triggered after delay after parent rail achieves voltage regulation
UCD9080
SLVS692A – SEPTEMBER 2006 – REVISED DECEMBER 2006
The following section details the format and meaning of the configuration parameters from the configuration
parameters memory map (Table 1).
The SequenceEventParameters field in the configuration parameters specifies the rail identification, monitoring
status and sequencing options for each rail. The address map for all these registers is as follows:
ADDRESS
SIZE
DEFAULT VALUE
DESCRIPTION
0xE080
1
0x50
Rail 1 identification, monitoring status and sequencing options.
0xE081
1
0x51
Rail 2 identification, monitoring status and sequencing options.
0xE082
1
0x52
Rail 3 identification, monitoring status and sequencing options.
0xE083
1
0x53
Rail 4 identification, monitoring status and sequencing options.
0xE084
1
0x54
Rail 5 identification, monitoring status and sequencing options.
0xEx85
1
0x55
Rail 6 identification, monitoring status and sequencing options.
0xE086
1
0x56
Rail 7 identification, monitoring status and sequencing options.
0xE087
1
0x07
Rail 8 identification, monitoring status and sequencing options.
0xE088
1
0x08
GPO1 identification, sequencing options.
0xE089
1
0x49
GPO2 identification, sequencing options.
0xE08A
1
0x4A
GPO3 identification, sequencing options.
0xE08B
1
0x4B
GPO4 identification, sequencing options.
The format of each register is as follows:
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com