Electronic Components Datasheet Search
  English  ▼

X  

UCD9080 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCD9080
Description  8-CHANNEL POWER SUPPLY SEQUENCER AND MONITOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD9080 Datasheet(HTML) 3 Page - Texas Instruments

  UCD9080 Datasheet HTML 1Page - Texas Instruments UCD9080 Datasheet HTML 2Page - Texas Instruments UCD9080 Datasheet HTML 3Page - Texas Instruments UCD9080 Datasheet HTML 4Page - Texas Instruments UCD9080 Datasheet HTML 5Page - Texas Instruments UCD9080 Datasheet HTML 6Page - Texas Instruments UCD9080 Datasheet HTML 7Page - Texas Instruments UCD9080 Datasheet HTML 8Page - Texas Instruments UCD9080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
www.ti.com
UCD9080
SLVS692A – SEPTEMBER 2006 – REVISED DECEMBER 2006
ELECTRICAL CHARACTERISTICS (continued)
These specifications are over recommended ranges of supply voltage and operating free-air temperature, unless otherwise
noted
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
ANALOG INPUTS (MON1, MON2, MON3, MON4, MON5, MON6, MON7, MON8, ROSC)
VCC
Analog supply voltage
VSS = 0 V
1.8
3.6
V
VCC(min)
VCC minimum voltage when sampling
2.35
V
Internal voltage reference
0
2.5
V(R<1..8>)
Analog input voltage
V
External voltage reference
0
VCC
(VCC = 3.3 V used as reference)
Only one terminal can be selected at a time
CI(1)
Input capacitance
27
pF
(MON1–MON8)
Input MUX ON resistance
0 V
≤ VAx ≤ VCC, V
CC = 3 V
2000
Ω
RI(1)
Ilkg
High-impedance leakage current
MON1–MON8
±50
nA
REF2_5V = 1 for 2.5 V
VCC = 3 V
2.35
2.5
2.65
V
I(VREF+) ≤ I(VREF+)max
VREF+
Positive internal reference voltage output
REF2_5V = 0 for 1.5 V
VCC = 3 V
1.41
1.5
1.59
V
I(VREF+) ≤ I(VREF+)max
REF2_5V = 0, I(VREF+) ≤ 1 mA
2.2
V
VCC minimum voltage, Positive built-in
VCC(min)
REF2_5V = 1, I(VREF+) ≤ 0.5 mA
VREF+ + 0.15
V
reference active
REF2_5V = 1, I(VREF+) ≤ 1 mA
VREF+ + 0.15
V
Internal reference (2.5 V)
±6.8
±12
±17.4
V(acc)
Accuracy of voltage sampling from rails
mV
External reference (3.3 V/VCC)
±0.2
±1.6
±6.8
Temperature coefficient of built-in
I(VREF+) is a constant in the range of
±100 ppm/°C
TREF+(1)
reference
0 mA
≤ I
(VREF+)≤ 1 mA, VCC = 3 V
DCO OPERATING PERIOD
t(PERIOD)
VCC = 3 V, TA = 25°C, ROSC = 100 kΩ
227
204
185
nS
MISCELLANEOUS
Tretention
Retention of configuration parameters
TJ = 25°C
100
Years
POR, Brownout, Reset (see (2)(3))
td(BOR)
2000
µs
VCC(start)
0.7
×V(B_IT-)
V
V(B_IT–)
dVCC/dt
≤ 3 V/s
1.71
V
Brownout
Vhys(B_IT–)
70
130
180
mV
Pulse length needed at RST pin to accept
t(reset)
2
µs
reset internally, VCC = 3 V
DIGITAL OUTPUTS (EN8/GPO1, GPO2, GPO3, GPO4, EN1, EN2, EN3, EN4, EN5, EN6, EN7, SDA)
IOH(max) = –1.5 mA,(4) VCC = 3 V
VCC – 0.25
VCC
VOH
High-level output voltage
V
IOH(max) = –6 mA,(5) VCC = 3 V
VCC – 0.6
VCC
IOH(max)= –1.5 mA,(4) VCC = 3 V
VSS
VSS + 0.25
VOL
VOL Low-level output voltage
V
IOH(max) = –6 mA,(5) VCC = 3 V
VSS
VSS + 0.6
Ilkg
High-impedance leakage current
VCC = 3 V
±50
nA
(1)
Not production tested. Limits verified by design.
(2)
The current consumption of the brown-out module is already included in the ICC current consumption data.
(3)
During power up, device initialization starts following a period of td(BOR) after VCC = V(B_IT–) + Vhys(B_IT–).
(4)
The maximum total current, IOHmax and IOLmax, for all outputs combined, should not exceed ±12 mA to hold the maximum voltage drop
specified.
(5)
The maximum total current, IOHmax and IOLmax, for all outputs combined, should not exceed ±48 mA to hold the maximum voltage drop
specified.
The UCD9080 is compatible with 3.3-V IO ports of microcontrollers, TMS320™ DSP Family as well as ASICs.
The UCD9080 is available in a plastic 32-pin QFN package (RHB).
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com