Electronic Components Datasheet Search
  English  ▼

X  

TMUX2889 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMUX2889
Description  TMUX2889 5 V Beyond the Supply, Low Ron, Powered Off Protection Switch with 1.8 V Logic
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX2889 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMUX2889 Datasheet HTML 3Page - Texas Instruments TMUX2889 Datasheet HTML 4Page - Texas Instruments TMUX2889 Datasheet HTML 5Page - Texas Instruments TMUX2889 Datasheet HTML 6Page - Texas Instruments TMUX2889 Datasheet HTML 7Page - Texas Instruments TMUX2889 Datasheet HTML 8Page - Texas Instruments TMUX2889 Datasheet HTML 9Page - Texas Instruments TMUX2889 Datasheet HTML 10Page - Texas Instruments TMUX2889 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
6.7 Switching Characteristics
VDD = 3.3 V, GND = 0 V (unless otherwise noted)
Typical at VDD = 3.3 V, TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
tTRAN
Transition time from control input
VS = 3.3 V
RL = 50 Ω, CL = 35 pF
25°C
10
340
us
–40°C to +85°C
490
us
–40°C to +125°C
490
us
tON
Turn-on time from control input
VS = 3.3 V
RL = 50 Ω, CL = 35 pF
25°C
140
300
us
–40°C to +85°C
400
us
–40°C to +125°C
450
us
tBBM
Break-before-make time delay
VDD = 1.8 V to 2.5 V
VS = 3.3 V
RL = 50 Ω, CL = 35 pF
25°C
40
420
us
–40°C to +85°C
40
490
us
–40°C to +125°C
40
490
us
QINJ
Charge injection
VS = 0 V, CL = 100 pF
25°C
5
pC
OISO
Off-isolation
RL = 50 Ω , CL = 5 pF
VS = 200 mVRMS, VBIAS=0 V, f =
100 kHz
25°C
–55
dB
XTALK
Crosstalk
RL = 50 Ω , CL = 5 pF
VS = 200 mVRMS, VBIAS=0 V, f =
100 kHz
25°C
–100
dB
BW
–3dB Bandwidth
RL = 50 Ω , CL = 5 pF
VS = 200 mVRMS, VBIAS=0 V
25°C
72
MHz
IL
Insertion loss
RL = 50 Ω , CL = 5 pF
VS = 200 mVRMS, VBIAS=0 V, f = 1
MHz
25°C
-0.01
dB
ACPSRR AC Power Supply Rejection Ratio
VPP = 0.62 V on VDD
RL = 32 Ω , CL = 5 pF,
f = 20 kHz
25°C
–80
dB
THD+N
Total Harmonic Distortion + Noise
VPP = 0.5 V, VBIAS = 0 V
RL = 600 Ω
f = 20 Hz to 20 kHz
25°C
0.001
%
–40°C to +85°C
0.002
%
–40°C to +125°C
0.002
%
25°C
-100
dB
–40°C to +85°C
-94
dB
–40°C to +125°C
-94
dB
VPP = 0.5 V, VBIAS = 0 V
RL = 32 Ω
f = 20 Hz to 20 kHz
25°C
0.001
%
–40°C to +85°C
0.002
%
–40°C to +125°C
0.002
%
25°C
-100
dB
–40°C to +85°C
-94
dB
–40°C to +125°C
-94
dB
CS(OFF)
Source off capacitance
VS = 0 V, f = 1 MHz
25°C
75
pF
CS(ON),
CD(ON)
On capacitance
VS = 0 V, f = 1 MHz
25°C
100
pF
TSD
Thermal Shutdown
160
°C
THYST
Thermal Hysteresis
18
°C
www.ti.com
TMUX2889
SCDS464 – JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TMUX2889



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com