Electronic Components Datasheet Search
  English  ▼

X  

TMUX2889 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMUX2889
Description  TMUX2889 5 V Beyond the Supply, Low Ron, Powered Off Protection Switch with 1.8 V Logic
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX2889 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMUX2889 Datasheet HTML 6Page - Texas Instruments TMUX2889 Datasheet HTML 7Page - Texas Instruments TMUX2889 Datasheet HTML 8Page - Texas Instruments TMUX2889 Datasheet HTML 9Page - Texas Instruments TMUX2889 Datasheet HTML 10Page - Texas Instruments TMUX2889 Datasheet HTML 11Page - Texas Instruments TMUX2889 Datasheet HTML 12Page - Texas Instruments TMUX2889 Datasheet HTML 13Page - Texas Instruments TMUX2889 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
7.5 tON (VDD) and tOFF (VDD) Time
The tON (VDD) time is defined as the time taken by the output of the device to rise 90% after the supply has risen
past the supply threshold. The 90% measurement is used to provide the timing of the device turning on in the
system. Figure 7-5 shows the setup used to measure turn on time, denoted by the symbol tON (VDD)
1.5 V
t
ON
90%
10%
OUTPUT
0 V
V
DD
t
OFF
V
S
OUTPUT
R
L
C
L
D1
GND
0 V
t
r = 1
s
t
f = 1
s
V
DD
S1B
S1A
V
S
OUTPUT
R
L
C
L
D2
S2B
S2A
V
DD
1.5 V
Figure 7-5. tON (VDD) and tOFF (VDD) Time Measurement Setup
7.6 Transition Time
Transition time is defined as the time taken by the output of the device to rise or fall 10% after the control signal
has risen or fallen past the logic threshold. The 10% transition measurement is utilized to provide the timing of
the device. System level timing can then account for the time constant added from the load resistance and load
capacitance. Figure 7-6 shows the setup used to measure transition time, denoted by the symbol tTRANSITION.
VIH
VIL
tTRANSITION
10%
90%
OUTPUT
0 V
ADDRESS
DRIVE
(VSEL)
VDD
tTRANSITION
VS
OUTPUT
RL
CL
SELx
D1
GND
VSEL
0 V
tr < 5 ns
tf < 5 ns
VDD
VDD
0.1 F
S1A
S1B
VS
OUTPUT
RL
CL
D2
S2A
S2B
Figure 7-6. Transition-Time Measurement Setup
TMUX2889
SCDS464 – JUNE 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX2889



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com