Electronic Components Datasheet Search
  English  ▼

X  

TMUX2889 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMUX2889
Description  TMUX2889 5 V Beyond the Supply, Low Ron, Powered Off Protection Switch with 1.8 V Logic
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX2889 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMUX2889 Datasheet HTML 5Page - Texas Instruments TMUX2889 Datasheet HTML 6Page - Texas Instruments TMUX2889 Datasheet HTML 7Page - Texas Instruments TMUX2889 Datasheet HTML 8Page - Texas Instruments TMUX2889 Datasheet HTML 9Page - Texas Instruments TMUX2889 Datasheet HTML 10Page - Texas Instruments TMUX2889 Datasheet HTML 11Page - Texas Instruments TMUX2889 Datasheet HTML 12Page - Texas Instruments TMUX2889 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
7.3 Off-Leakage Current
Source and drain off-leakage current is defined as the leakage current flowing into or out of the source or drain
pin when the switch is off. This current is denoted by the symbol IS(OFF) and ID(OFF). Figure 7-3 shows the setup
used to measure off-leakage current.
VDD
S1A
S1B
GND
VS
D1
VD
A
IS (OFF)
VD
S2A
S2B
VS
D2
VD
A
IS (OFF)
VD
VDD
S1A
S1B
GND
VS
D1
VD
A
ID (OFF)
VD
S2A
S2B
VS
D2
VD
A
ID (OFF)
VD
Figure 7-3. Off-Leakage Measurement Setup
7.4 Power-Off Leakage Current
Powered-off source and drain leakage current is defined as the leakage current flowing into or out of the source
or drain pin when the device is powered off. This current is denoted by the symbol IPS(OFF) and IPD(OFF). Figure
7-4 shows the setup used to measure off-leakage current.
VDD
S1A
S1B
GND
VS
D1
VD
A
IPS (OFF)
VD
S2A
S2B
VS
D2
VD
A
IPS (OFF)
VD
S1A
S1B
GND
VS
D1
VD
A
IPD (OFF)
VD
S2A
S2B
VS
D2
VD
A
IPD (OFF)
VD
VDD
Figure 7-4. Power-off Leakage Measurement Setup
www.ti.com
TMUX2889
SCDS464 – JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TMUX2889



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com