Electronic Components Datasheet Search
  English  ▼

X  

TMUX2889 Datasheet(PDF) 19 Page - Texas Instruments

Part # TMUX2889
Description  TMUX2889 5 V Beyond the Supply, Low Ron, Powered Off Protection Switch with 1.8 V Logic
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX2889 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMUX2889 Datasheet HTML 15Page - Texas Instruments TMUX2889 Datasheet HTML 16Page - Texas Instruments TMUX2889 Datasheet HTML 17Page - Texas Instruments TMUX2889 Datasheet HTML 18Page - Texas Instruments TMUX2889 Datasheet HTML 19Page - Texas Instruments TMUX2889 Datasheet HTML 20Page - Texas Instruments TMUX2889 Datasheet HTML 21Page - Texas Instruments TMUX2889 Datasheet HTML 22Page - Texas Instruments TMUX2889 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Audio Codec
Audio Ampli er
PreAmp
Microphone
Telecoil (T-coil)
Figure 9-2. Hearing Aid Telecoil MUX
9.2.1.1 Design Requirements
Table 9-1. Design Parameters
PARAMETERS
VALUES
Supply (VDD)
1.8 to 5.5 V
MUX I/O signal range (VS, VD)
-5.5 V to 5.5 V (Beyond the Supply)
Control logic thresholds (VSEL)
1.8 V to 5.5 V
9.2.1.2 Detailed Design Procedure
The TMUX2889 can support bidirectional signals beyond the supply without any external components except for
the supply decoupling capacitors. For how the signal range is above and below the device supply range, refer
to Section 8.3.1. Additionally with a very low on-resistance and an ultra flat response, the TMUX2889 has a
very low THD+N as well as a reduced impact to DC losses and thermal self-heating. These features make the
TMUX2889 an excellent choice for audio applications. For a more detailed analysis of the audio output switching
system, refer to Section 9.2.1.3.
9.2.1.3 Application Curve
The low on-resistance and ultra flat response enable the TMUX2889 to have an extremely low THD+N. This
results in little to no impact in audio fidelity, even in high performance systems. This allows the system designed
to save a significant portion of board area without impacting signal integrity.
Frequency (Hz)
20 30 4050 70 100
200 300 500
1000
2000
5000 10000 20000
0
0.0005
0.001
0.0015
0.002
0.0025
0.003
0.0035
600 Ohm
32 Ohm
16 Ohm
8 Ohm
4 Ohm
.
Figure 9-3. THD+N with Different Loading Conditions
www.ti.com
TMUX2889
SCDS464 – JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TMUX2889



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com