Electronic Components Datasheet Search
  English  ▼

X  

TMUX2889 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMUX2889
Description  TMUX2889 5 V Beyond the Supply, Low Ron, Powered Off Protection Switch with 1.8 V Logic
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX2889 Datasheet(HTML) 1 Page - Texas Instruments

  TMUX2889 Datasheet HTML 1Page - Texas Instruments TMUX2889 Datasheet HTML 2Page - Texas Instruments TMUX2889 Datasheet HTML 3Page - Texas Instruments TMUX2889 Datasheet HTML 4Page - Texas Instruments TMUX2889 Datasheet HTML 5Page - Texas Instruments TMUX2889 Datasheet HTML 6Page - Texas Instruments TMUX2889 Datasheet HTML 7Page - Texas Instruments TMUX2889 Datasheet HTML 8Page - Texas Instruments TMUX2889 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
TMUX2889 5 V Beyond the Supply, Low Ron, Powered Off Protection
Switch with 1.8 V Logic
1 Features
• Supply range: 1.8 V to 5.5 V
• Beyond the supply signal range: -5.5 V to 5.5 V
• High current support: >1A (maximum)
• Ultra-low on-resistance: 0.2 Ω
• Low on-resistance flatness: 1 mΩ
• Low THD+N: 0.001% (-100 dB)
• –40°C to +125°C operating temperature
• Powered off protection
• Over temperature protection
• 1.8 V logic compatible
• Fail-safe logic
• Break-before-make switching
2 Applications
• Land mobile radios
• Defense radios
• Ultrasonic gas flow transmitters
• Smart drug delivery
• Analog input modules
• Industrial module detection
• RS485/232
3 Description
The TMUX2889 is a complementary metal-oxide
semiconductor
(CMOS)
multiplexer
with
two
independently selectable 2:1, single-pole, double-
throw (SPDT) switch channels. This device works
with a single supply (1.6 V to 5.5 V), but can pass
bidirectional analog and digital signals beyond the
supply from -5.5 V to 5.5 V.
The TMUX2889 also features powered off protection
up to ±5.5 V, which isolates the switch even when
there is no supply voltage present (VDD = 0 V).
Without this protection feature, any voltage on the
switch can back-power the supply rail through an
internal ESD diode and cause potential damage to the
rest of the system.
With 0.001% THD+N and 1 mΩ RON-flatness, the
TMUX2889 is designed for passing precision analog
and audio signals without adding distortion.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
TMUX2889
YBH (DSBGA, 9)
1.6 mm × 1.6 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
S1A
S1B
D1
SEL
V
DD
Decoder
S2A
S2B
D2
TMUX2889 Block Diagrams
TMUX2889
SCDS464 – JUNE 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - TMUX2889

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX2889 TI1-TMUX2889 Datasheet
1Mb / 37P
TMUX2889 5 V Beyond the Supply, Low Ron, Powered Off Protection Switch with 1.8 V Logic
REVISED JULY 2023
TMUX2889YBHR TI1-TMUX2889YBHR Datasheet
1Mb / 37P
TMUX2889 5 V Beyond the Supply, Low Ron, Powered Off Protection Switch with 1.8 V Logic
REVISED JULY 2023
TMUX2889 TI1-TMUX2889_V01 Datasheet
1Mb / 37P
TMUX2889 5 V Beyond the Supply, Low Ron, Powered Off Protection Switch with 1.8 V Logic
REVISED JULY 2023
More results

Similar Description - TMUX2889

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX1511 TI1-TMUX1511 Datasheet
306Kb / 22P
Low-Capacitance, 1:1 (SPST) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
TMUX1574 TI1-TMUX1574 Datasheet
563Kb / 28P
Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
TMUX1511 TI1-TMUX1511_18 Datasheet
891Kb / 26P
Low-Capacitance, 1:1 (SPST) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
TMUX6219 TI-TMUX6219 Datasheet
750Kb / 20P
TMUX6219 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
TMUX6219-Q1 TI-TMUX6219-Q1 Datasheet
1Mb / 30P
TMUX6219-Q1 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
TMUX1248 TI-TMUX1248 Datasheet
1Mb / 30P
TMUX1248 3-廓 Low RON, 5-V, 2:1 (SPDT) General Purpose Switch with 1.8-V Logic
TMUX6219 TI-TMUX6219_V01 Datasheet
1Mb / 43P
TMUX6219 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
REVISED AUGUST 2022
TMUX6219 TI-TMUX6219_V02 Datasheet
2Mb / 46P
TMUX6219 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
REVISED AUGUST 2022
TMUX4827 TI-TMUX4827 Datasheet
1Mb / 32P
TMUX4827 ±12-V Beyond the Supply, 2:1 (SPDT) 2-channel, Power-Off Protection Switch, with 0.13-Ω Ron and 1.8-V Compatible Logic
REVISED JUNE 2023
TMUX2889 TI1-TMUX2889_V01 Datasheet
1Mb / 37P
TMUX2889 5 V Beyond the Supply, Low Ron, Powered Off Protection Switch with 1.8 V Logic
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com