Electronic Components Datasheet Search
  English  ▼

X  

TMUX2889 Datasheet(PDF) 18 Page - Texas Instruments

Part # TMUX2889
Description  TMUX2889 5 V Beyond the Supply, Low Ron, Powered Off Protection Switch with 1.8 V Logic
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX2889 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMUX2889 Datasheet HTML 14Page - Texas Instruments TMUX2889 Datasheet HTML 15Page - Texas Instruments TMUX2889 Datasheet HTML 16Page - Texas Instruments TMUX2889 Datasheet HTML 17Page - Texas Instruments TMUX2889 Datasheet HTML 18Page - Texas Instruments TMUX2889 Datasheet HTML 19Page - Texas Instruments TMUX2889 Datasheet HTML 20Page - Texas Instruments TMUX2889 Datasheet HTML 21Page - Texas Instruments TMUX2889 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
TMUX2889 is part of the beyond the supply switches and multiplexers family of devices. This means that this
device can switch signals from -5.5 V to 5.5 V with a low voltage supply from 1.8 to 5.5 V. Additionally, the
TMUX2889 features powered-off protection, which keeps the switches open even when there is no supply. This
unique feature combination enables the TMUX2889 to be extremely versatile for a wide variety of applications
such as boosted outputs and high common mode offsets.
9.2 Typical Applications
9.2.1 Audio Input or Output Switching
When there are multiple audio inputs available such as a line-in and a wireless connection, a switch/multiplexer
is needed to switch between audio sources. This same scheme can be used in systems where there are multiple
speaker outputs and one source as well. A TMUX2889 can be used for all of these use cases, easily supporting
line-in audio up to ±5.5 V with a supply/battery voltage from 1.8 to 5.5 V. Figure 9-1 shows the block diagram
for these applications. Additionally, if IEC protection is needed on the external connectors (audio jack input or
external speaker), 2 TPD1E10B06 can be used.
The TMUX2889 features excellent THD+N performance, so there is minimal impact to the audio signal quality
through the switch. This allows the system designer to save a significant portion of board area without impacting
signal integrity. Additionally, because of the low supply current requirment, the device's supply can be driven
directly with a GPIO, allowing the user to put the device into a ultra-low power mode. In this mode the
TMUX2889 operates with powered-off protection, so any high voltage present on the inputs will not propagate to
the outputs. This helps keep correct power up cycling and increases system robustness.
Audio Codec
GPIO
SEL
V
DD
Decoder
L
R
Figure 9-1. Audio Headphone and Speaker Output Switching
TMUX2889
SCDS464 – JUNE 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX2889



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com