Electronic Components Datasheet Search
  English  ▼

X  

TMUX2889 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMUX2889
Description  TMUX2889 5 V Beyond the Supply, Low Ron, Powered Off Protection Switch with 1.8 V Logic
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX2889 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMUX2889 Datasheet HTML 8Page - Texas Instruments TMUX2889 Datasheet HTML 9Page - Texas Instruments TMUX2889 Datasheet HTML 10Page - Texas Instruments TMUX2889 Datasheet HTML 11Page - Texas Instruments TMUX2889 Datasheet HTML 12Page - Texas Instruments TMUX2889 Datasheet HTML 13Page - Texas Instruments TMUX2889 Datasheet HTML 14Page - Texas Instruments TMUX2889 Datasheet HTML 15Page - Texas Instruments TMUX2889 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
7.9 THD + Noise
The total harmonic distortion (THD) of a signal is a measurement of the harmonic distortion, and is defined as
the ratio of the sum of the powers of all harmonic components to the power of the fundamental frequency at the
mux output. The on-resistance of the device varies with the amplitude of the input signal and results in distortion
when the drain pin is connected to a low-impedance load. Total harmonic distortion plus noise is denoted as
THD + N.
GND
SX
Dx
Audio Precision
VOUT
RL
VDD
VDD
0.1 µF
VS
40
Ω
Figure 7-9. THD + N Measurement Setup
7.10 Power Supply Rejection Ratio (PSRR)
PSRR measures the ability of a device to prevent noise and spurious signals that appear on the supply voltage
pin from coupling to the output of the switch. The DC voltage on the device supply is modulated by a sine wave
of 100 mVPP. The ratio of the amplitude of signal on the output to the amplitude of the modulated signal is the
AC PSRR.
620 mVPP
RL
Network Analyzer
VOUT
VDD
DC Bias
Injector
VIN
CL
VBIAS
GND
Sx
Dx
VDD
0.1 µF
With and Without
Capacitor
Other SxA/
SxB/Dx pins
50
Ω
50
Ω
50
Ω
Figure 7-10. AC PSRR Measurement Setup
TMUX2889
SCDS464 – JUNE 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX2889



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com