Electronic Components Datasheet Search
  English  ▼

X  

ICS954309 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS954309
Description  Programmable Timing Control Hub™ for Mobile P4™ Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS954309 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS954309 Datasheet HTML 1Page - Renesas Technology Corp ICS954309 Datasheet HTML 2Page - Renesas Technology Corp ICS954309 Datasheet HTML 3Page - Renesas Technology Corp ICS954309 Datasheet HTML 4Page - Renesas Technology Corp ICS954309 Datasheet HTML 5Page - Renesas Technology Corp ICS954309 Datasheet HTML 6Page - Renesas Technology Corp ICS954309 Datasheet HTML 7Page - Renesas Technology Corp ICS954309 Datasheet HTML 8Page - Renesas Technology Corp ICS954309 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
Integrated
Circuit
Systems, Inc.
ICS954309
1044A—02/20/07
Pin Description (Continued)
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
33
IREF
OUT
This pin establishes the reference current for the differential current-mode output
pairs. This pin requires a fixed precision resistor tied to ground in order to
establish the appropriate current. 475 ohms is the standard value.
34
CPUCLKC1
OUT
Complementary clock of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
35
CPUCLKT1
OUT
True clock of differential pair CPU outputs. These are current mode outputs.
External resistors are required for voltage bias.
36
VDDCPU
PWR
Supply for CPU clocks, 3.3V nominal
37
GNDCPU
PWR
Ground pin for the CPU outputs
38
CPUCLKC0
OUT
Complementary clock of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
39
CPUCLKT0
OUT
True clock of differential pair CPU outputs. These are current mode outputs.
External resistors are required for voltage bias.
40
CPU_STOP#
IN
Stops all CPUCLK, except those set to be free running clocks
41
SMBCLK
IN
Clock pin of SMBUS circuitry, 5V tolerant
42
SMBDAT
I/O
Data pin of SMBUS circuitry, 5V tolerant
43
VDDREF
PWR
Ref, XTAL power supply, nominal 3.3V
44
X2
OUT
Crystal output, Nominally 14.318MHz
45
X1
IN
Crystal input, Nominally 14.318MHz.
46
GNDREF
PWR
Ground pin for the REF outputs.
47
REF
OUT
14.318 MHz reference clock.
48
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
49
PCICLK3
OUT
PCI clock output.
50
PCICLK2
OUT
PCI clock output.
51
PCICLK1
OUT
PCI clock output.
52
PCICLK0
OUT
PCI clock output.
53
ITP_EN/PCICLK_F0
I/O
Free running PCI clock not affected by PCI_STOP#.
ITP_EN: latched input to select pin functionality
1 = CPU_ITP pair
0 = SRC pair
54
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
55
GNDPCI
PWR
Ground pin for the PCI outputs
56
VTT_PWRGD#/PD
IN
Vtt_PwrGd# is an active low input used to determine when latched inputs are
ready to be sampled. PD is an asynchronous active high input pin used to put the
device into a low power state. The internal clocks, PLLs and the crystal oscillator
are stopped.
57
FS_C/TEST_SEL
IN
3.3V tolerant input for CPU frequency selection. Low voltage threshold inputs,
see input electrical characteristics for Vil_FS and Vih_FS values.
TEST_Sel: 3-level latched input to enable test mode.
Refer to Test Clarification Table
58
USB_48MHZ/FS_A
I/O
Frequency select latch input pin / Fixed 48MHz USB clock output. 3.3V.
59
GNDPCI
PWR
Ground pin for the PCI outputs
60
VDD48
PWR
Power pin for the 48MHz output.3.3V
61
DOTT_96MHZ
OUT
True clock of differential pair for 96.00MHz DOT clock.
62
DOTC_96MHZ
OUT
Complement clock of differential pair for 96.00MHz DOT clock.
63
FS_B/TEST_MODE
IN
3.3V tolerant input for CPU frequency selection. Refer to input electrical
characteristics for Vil_FS and Vih_FS values. TEST_MODE is a real time input to
select between Hi-Z and REF/N divider mode while in test mode. Refer to Test
Clarification Table.
64
OE1#
IN
Active low input for enabling DIF pair 1.
1 = tri-state outputs, 0 = enable outputs
NOTE: Only OE# pins have internal pull-up resistors. No other inputs have pull-up or pull-down resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com