Electronic Components Datasheet Search
  English  ▼

X  

ICS954309 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS954309
Description  Programmable Timing Control Hub™ for Mobile P4™ Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS954309 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS954309 Datasheet HTML 1Page - Renesas Technology Corp ICS954309 Datasheet HTML 2Page - Renesas Technology Corp ICS954309 Datasheet HTML 3Page - Renesas Technology Corp ICS954309 Datasheet HTML 4Page - Renesas Technology Corp ICS954309 Datasheet HTML 5Page - Renesas Technology Corp ICS954309 Datasheet HTML 6Page - Renesas Technology Corp ICS954309 Datasheet HTML 7Page - Renesas Technology Corp ICS954309 Datasheet HTML 8Page - Renesas Technology Corp ICS954309 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Integrated
Circuit
Systems, Inc.
ICS954309
1044A—02/20/07
Pin Configuration
Recommended Application:
Supports CK410M with additional SRC clock support
Output Features:
•
2 - 0.7V current-mode differential CPU pairs
•
9 - 0.7V current-mode differential SRC pair for SATA and
PCI Express*
•
1 - 0.7V current-mode differential CPU/SRC selectable
pair
•
4 - PCI (33MHz)
•
1 - PCICLK_F, (33MHz) free-running
•
1 - USB, 48MHz
•
1 - DOT, 96MHz, 0.7V current differential pair
•
1 - REF, double-strength 14.318MHz
Programmable Timing Control Hub™ for Mobile P4™ Systems
Key Specifications:
•
CPU outputs cycle-cycle jitter < 85ps
•
SRC outputs cycle-cycle jitter < 125ps
•
PCI outputs cycle-cycle jitter < 500ps
•
+/- 100ppm frequency accuracy on USB
Features/Benefits:
•
+/- 300 ppm accuracy clocks for Serial-ATA and PCI
Express and CPU clocks
•
Supports spread spectrum modulation, 0 to -0.5%
down spread for CPU, SRC and PCI clocks
•
Supports CPU clocks up to 400MHz
•
Uses external 14.318MHz crystal, external crystal load
caps are required for frequency tuning
•
Supports undriven differential CPU, SRC pair in PD#
for power management.
64-pin MLF
*Other names and brands may be claimed as the property of others.
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
GND48
148 VDDPCI
SRCT0
247 REF
SRCC0
346 GNDREF
OE0#
445 X1
SRCT1
544 X2
SRCC1
643 VDDREF
OEA#
742 SMBDAT
SRCT2
8
41 SMBCLK
SRCC2
9
40 CPU_STOP#
VDDSRC 10
39 CPUCLKT0
GNDSRC 11
38 CPUCLKC0
OE3# 12
37 GNDCPU
SRCT3 13
36 VDDCPU
SRCC3 14
35 CPUCLKT1
OE6# 15
34 CPUCLKC1
PCI_STOP# 16
33 IREF
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
ICS954309
Functionality
FS_C
1
FS_B
2 FS_A2
CPU
MHz
SRC
MHz
PCI
MHz
REF
MHz
USB
MHz
DOT
MHz
0
0
0
266.66
100.00
33.33 14.318
48.00
96.00
0
0
1
133.33
100.00
33.33 14.318
48.00
96.00
0
1
0
200.00
100.00
33.33 14.318
48.00
96.00
0
1
1
166.66
100.00
33.33 14.318
48.00
96.00
1
0
0
333.33
100.00
33.33 14.318
48.00
96.00
1
0
1
100.00
100.00
33.33 14.318
48.00
96.00
1
1
0
400.00
100.00
33.33 14.318
48.00
96.00
1
1
1
14.318
48.00
96.00
1. FS_C is a three-level input. Please see VIL_FS and VIH_FS specifications in
the Input/Supply/Common Output Parameters Table for correct values.
Also refer to the Test Clarification Table.
2. FS_B and FS_A are low-threshold inputs. Please see the VIL_FS and VIH_FS
specifications in the Input/Supply/Common Output Parameters Table for correct values.
RESERVED


Similar Part No. - ICS954309

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS954310BGLF IDT-ICS954310BGLF Datasheet
57Kb / 1P
PC MAIN CLOCK
logo
Renesas Technology Corp
ICS954321 RENESAS-ICS954321 Datasheet
229Kb / 19P
Programmable Timing Control Hub™ for P4™ processor
09/20/05
ICS954321YGLF-T RENESAS-ICS954321YGLF-T Datasheet
229Kb / 19P
Programmable Timing Control Hub™ for P4™ processor
09/20/05
More results

Similar Description - ICS954309

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS954201 ICST-ICS954201 Datasheet
157Kb / 10P
Programmable Timing Control Hub??for Mobile P4??Systems
logo
Integrated Device Techn...
ICS954201BGLF IDT-ICS954201BGLF Datasheet
132Kb / 16P
Programmable Timing Control Hub??for Mobile P4??Systems
logo
Renesas Technology Corp
950905 RENESAS-950905 Datasheet
392Kb / 19P
Programmable Timing Control Hub™ for P4™
Mar 2020
954204 RENESAS-954204 Datasheet
368Kb / 18P
Programmable Timing Control Hub™ for Mobile P4™ Systems
Mar 2020
954206B RENESAS-954206B Datasheet
497Kb / 22P
Programmable Timing Control Hub™ for Mobile P4™ Systems
FEBRUARY 22, 2016
ICS950211 RENESAS-ICS950211 Datasheet
376Kb / 22P
Programmable Timing Control Hub™ for P4™
2019
ICS950218 RENESAS-ICS950218 Datasheet
322Kb / 20P
Programmable Timing Control Hub™ for P4™
2019
ICS950908 RENESAS-ICS950908 Datasheet
467Kb / 23P
Programmable Timing Control Hub™ for P4™
2019
ICS954101 RENESAS-ICS954101 Datasheet
386Kb / 18P
Programmable Timing Control Hub™ for Desktop P4™ Systems
2019
ICS954201 RENESAS-ICS954201 Datasheet
387Kb / 17P
Programmable Timing Control Hub™ for Mobile P4™ Systems
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com