Electronic Components Datasheet Search
  English  ▼

X  

ICS954309 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ICS954309
Description  Programmable Timing Control Hub™ for Mobile P4™ Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS954309 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ICS954309 Datasheet HTML 11Page - Renesas Technology Corp ICS954309 Datasheet HTML 12Page - Renesas Technology Corp ICS954309 Datasheet HTML 13Page - Renesas Technology Corp ICS954309 Datasheet HTML 14Page - Renesas Technology Corp ICS954309 Datasheet HTML 15Page - Renesas Technology Corp ICS954309 Datasheet HTML 16Page - Renesas Technology Corp ICS954309 Datasheet HTML 17Page - Renesas Technology Corp ICS954309 Datasheet HTML 18Page - Renesas Technology Corp ICS954309 Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
16
Integrated
Circuit
Systems, Inc.
ICS954309
1044A—02/20/07
Table 9: Tristate DOT Clock Control Truth Table
PD
PD Tristate BIT
56
B4b6
DOT_96
0
X
Running
DOT_96
1
0
Driven @ IREF X2
DOT_96
1
1
Tristate
Signal
STOPPABLE
OUTPUTS
Table10: CLKREQ# Clock Control Truth Table
PD
OEx#
56
4,7,12,15,24,64
SRCx
0
0
Running
SRCx
0
1
Tristate
SRCx
1
X
Stopped per B5b3
Signal
SELECTED OUTPUTS
Table 8: Tristate SRC Clock Control Truth Table
PD
PD Tristate BIT
56
B5b3
SRC
0
X
Running
Running
SRC
1
0
Driven @ IREF X2
Driven @ IREF X2
SRC
1
1
Tristate
Tristate
Signal
NON-STOP
OUTPUTS
STOPPABLE
OUTPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com