Electronic Components Datasheet Search
  English  ▼

X  

ICS954309 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS954309
Description  Programmable Timing Control Hub™ for Mobile P4™ Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS954309 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS954309 Datasheet HTML 1Page - Renesas Technology Corp ICS954309 Datasheet HTML 2Page - Renesas Technology Corp ICS954309 Datasheet HTML 3Page - Renesas Technology Corp ICS954309 Datasheet HTML 4Page - Renesas Technology Corp ICS954309 Datasheet HTML 5Page - Renesas Technology Corp ICS954309 Datasheet HTML 6Page - Renesas Technology Corp ICS954309 Datasheet HTML 7Page - Renesas Technology Corp ICS954309 Datasheet HTML 8Page - Renesas Technology Corp ICS954309 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
Integrated
Circuit
Systems, Inc.
ICS954309
1044A—02/20/07
Pin Description
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1GND48
PWR
Ground pin for the 48MHz outputs
2
SRCT0
OUT
True clock of differential SRC clock pair.
3
SRCC0
OUT
Complement clock of differential SRC clock pair.
4OE0#
IN
Active low input for enabling DIF pair 0.
1 = tri-state outputs, 0 = enable outputs
5
SRCT1
OUT
True clock of differential SRC clock pair.
6
SRCC1
OUT
Complement clock of differential SRC clock pair.
7OEA#
IN
Active low input for enabling outputs.
1 = tri-state outputs, 0 = enable outputs
8
SRCT2
OUT
True clock of differential SRC clock pair.
9
SRCC2
OUT
Complement clock of differential SRC clock pair.
10
VDDSRC
PWR
Supply for SRC clocks, 3.3V nominal
11
GNDSRC
PWR
Ground pin for the SRC outputs
12
OE3#
IN
Active low input for enabling DIF pair 3.
1 = tri-state outputs, 0 = enable outputs
13
SRCT3
OUT
True clock of differential SRC clock pair.
14
SRCC3
OUT
Complement clock of differential SRC clock pair.
15
OE6#
IN
Active low input for enabling DIF pair 6.
1 = tri-state outputs, 0 = enable outputs
16
PCI_STOP#
IN
Stops all PCICLKs at logic 0 level, when low. Free running PCICLKs are not
effected by this input.
17
VDDSRC
PWR
Supply for SRC clocks, 3.3V nominal
18
SRCT5
OUT
True clock of differential SRC clock pair.
19
SRCC5
OUT
Complement clock of differential SRC clock pair.
20
SRCC6
OUT
Complement clock of differential push-pull SRC clock pair.
21
SRCT6
OUT
True clock of differential push-pull SRC clock pair.
22
SRCT8
OUT
True clock of differential SRC clock pair.
23
SRCC8
OUT
Complement clock of differential SRC clock pair.
24
OEB#
IN
Active low input for enabling outputs.
1 = tri-state outputs, 0 = enable outputs
25
SRCC9
OUT
Complement clock of differential SRC clock pair.
26
SRCT9
OUT
True clock of differential push-pull SRC clock pair.
27
SRCT10
OUT
True clock of differential push-pull SRC clock pair.
28
SRCC10
OUT
Complement clock of differential SRC clock pair.
29
VDDSRC
PWR
Supply for SRC clocks, 3.3V nominal
30
GNDSRC
PWR
Ground pin for the SRC outputs
31
CPUCLKC2_ITP/SRCCLKC7
OUT
Complementary clock of CPU_ITP/SRC differential pair CPU_ITP/SRC output.
These are current mode outputs. External resistors are required for voltage bias.
Selected by ITP_EN input.
32
CPUCLKT2_ITP/SRCCLKT7
OUT
True clock of CPU_ITP/SRC differential pair CPU_ITP/SRC output. These are
current mode outputs. External resistors are required for voltage bias. Selected
by ITP_EN input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com