Electronic Components Datasheet Search
  English  ▼

X  

ICS954309 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ICS954309
Description  Programmable Timing Control Hub™ for Mobile P4™ Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS954309 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICS954309 Datasheet HTML 8Page - Renesas Technology Corp ICS954309 Datasheet HTML 9Page - Renesas Technology Corp ICS954309 Datasheet HTML 10Page - Renesas Technology Corp ICS954309 Datasheet HTML 11Page - Renesas Technology Corp ICS954309 Datasheet HTML 12Page - Renesas Technology Corp ICS954309 Datasheet HTML 13Page - Renesas Technology Corp ICS954309 Datasheet HTML 14Page - Renesas Technology Corp ICS954309 Datasheet HTML 15Page - Renesas Technology Corp ICS954309 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
Integrated
Circuit
Systems, Inc.
ICS954309
1044A—02/20/07
SMBus Table: Output Enable Control Register
Pin #
Name
Control Function
Type
01
PWD
Bit 7
CPUCLK2_ITP/SRCCLK7 EN
Output Enable
RW
Disabled (Hi-Z)
Enabled
1
Bit 6
SRCCLK6 EN
Output Enable
RW
Disabled (Hi-Z)
Enabled
1
Bit 5
SRCCLK5 EN
Output Enable
RW
Disabled (Hi-Z)
Enabled
1
Bit 4
0
Bit 3
SRCCLK3 EN
Output Enable
RW
Disabled (Hi-Z)
Enabled
1
Bit 2
SRCCLK2 EN
Output Enable
RW
Disabled (Hi-Z)
Enabled
1
Bit 1
SRCCLK1 EN
Output Enable
RW
Disabled (Hi-Z)
Enabled
1
Bit 0
SRCCLK0 EN
Output Enable
RW
Disabled (Hi-Z)
Enabled
1
SMBus Table: Spreading and Output Enable Control Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
PCI_F0 EN
Output Enable
RW
Disabled
Enabled
1
Bit 6
DOT_96MHz EN
Output Enable
RW
Disabled (Hi-Z)
Enabled
1
Bit 5
USB_48MHz EN
Output Enable
RW
Disabled
Enabled
1
Bit 4
REFCLK EN
Output Enable
RW
Disabled
Enabled
1
Bit 3
1
Bit 2
CPUCLK1 EN
Output Enable
RW
Disabled (Hi-Z)
Enabled
1
Bit 1
CPUCLK0 EN
Output Enable
RW
Disabled (Hi-Z)
Enabled
1
Bit 0
SS_EN for CPU, SRC and PCI Outputs
Spread Spectrum Enable
RW
Spread Off
Spread On
0
SMBus Table: Output Enable Control Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
1
Bit 6
1
Bit 5
PCICLK3 EN
Output Enable
RW
Disabled
Enabled
1
Bit 4
PCICLK2 EN
Output Enable
RW
Disabled
Enabled
1
Bit 3
PCICLK1 EN
Output Enable
RW
Disabled
Enabled
1
Bit 2
PCICLK0 EN
Output Enable
RW
Disabled
Enabled
1
Bit 1
1
Bit 0
1
SMBus Table: SRC Output Enable Control Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
SRCCLK7 OEB# Select
Selects OEB# Control
RW
Not Controlled
Controlled
0
Bit 6
0
Bit 5
SRCCLK5 OEB# Select
Selects OEB# Control
RW
Not Controlled
Controlled
0
Bit 4
0
Bit 3
0
Bit 2
SRCCLK2 OEB# Select
Selects OEB# Control
RW
Not Controlled
Controlled
0
Bit 1
0
Bit 0
0
Note: Please refer to CPU and SRC Clock Control Truth Tables
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
-
Byte 1
Reserved
Byte 3
-
-
-
-
Byte 0
-
-
-
Byte 2
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com