Electronic Components Datasheet Search
  English  ▼

X  

ICS954309 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS954309
Description  Programmable Timing Control Hub™ for Mobile P4™ Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS954309 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS954309 Datasheet HTML 1Page - Renesas Technology Corp ICS954309 Datasheet HTML 2Page - Renesas Technology Corp ICS954309 Datasheet HTML 3Page - Renesas Technology Corp ICS954309 Datasheet HTML 4Page - Renesas Technology Corp ICS954309 Datasheet HTML 5Page - Renesas Technology Corp ICS954309 Datasheet HTML 6Page - Renesas Technology Corp ICS954309 Datasheet HTML 7Page - Renesas Technology Corp ICS954309 Datasheet HTML 8Page - Renesas Technology Corp ICS954309 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
Integrated
Circuit
Systems, Inc.
ICS954309
1044A—02/20/07
The ICS954309 is a CK410M clock synthesizer with additional SRC clock support. The ICS954309 provides a single-chip
solution for mobile systems built with Intel P4-M processors and Intel mobile chipsets. The ICS954309 is driven with a
14.318MHz crystal and generates CPU outputs up to 400MHz.
General Description
Block Diagram
Power Groups
VDD
GND
43
46
Xtal, REF
54, 48
59, 55
PCICLK outputs
29, 17, 10
30, 11
SRCCLK outputs
60
1
DOT_96, USB_48
36
37
CPUCLK outputs, Analog
Description
Pin Number
PLL1
PLL2
PCICLK(0:3), PCICLK_F0
USB_48.00
XTAL
OSC
X1
X2
REF
CPUCLK_ITP/SRCCLK7
SRCCLK(0:3,5,6,8,9,10)
CPUCLK(0:1)
CONTROL
LOGIC
IREF
DOT96MHz
OUTPUT
DIVIDERS
OUTPUT
DIVIDERS
PWR
MGMT
PWR
MGMT
PWR
MGMT
PWR
MGMT
PWR
MGMT
PWR
MGMT
PWR
MGMT
ITP EN
FS_A
FS_B/TEST_MODE
FS_C/TEST_SEL
VTT_PwrGd#/PD
PCI_STOP#
CPU_STOP#
OE(0,1,3,6,A,B)#
SMBDAT
SMBCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com