Electronic Components Datasheet Search
  English  ▼

X  

BLT82 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLT82
Description  UHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLT82 Datasheet(HTML) 5 Page - NXP Semiconductors

  BLT82 Datasheet HTML 1Page - NXP Semiconductors BLT82 Datasheet HTML 2Page - NXP Semiconductors BLT82 Datasheet HTML 3Page - NXP Semiconductors BLT82 Datasheet HTML 4Page - NXP Semiconductors BLT82 Datasheet HTML 5Page - NXP Semiconductors BLT82 Datasheet HTML 6Page - NXP Semiconductors BLT82 Datasheet HTML 7Page - NXP Semiconductors BLT82 Datasheet HTML 8Page - NXP Semiconductors BLT82 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
1996 Feb 05
5
Philips Semiconductors
Product specification
UHF power transistor
BLT82
APPLICATION INFORMATION
RF performance at Ts ≤ 60 °C in a common emitter test circuit (see notes 1, 2 and Fig.5).
Notes
1. Ts is the temperature at the soldering point of the collector pin.
2. See also application report:.
“G.S.M. Power Amplifier for 900 MHz at 6 V (no.: RNR-T45-95-T-246)”
Ruggedness in class-AB operation
The BLT82 is capable of withstanding load mismatches corresponding to:
• VSWR = 6 : 1 through all phases under the following conditions: δ = 1 : 8; tp ≤ 5 ms; f = 900 MHz;
VCE = 8.3 V; PL =4W.
• VSWR = 10 : 1 through all phases under the following conditions: δ = 1 : 8; tp ≤ 5 ms; f = 900 MHz;
VCE = 8.6 V; PL = 2.8 W.
MODE OF OPERATION
f
(MHz)
VCE
(V)
ICQ
(mA)
PL
(W)
Gp
(dB)
ηC
(%)
Pulsed, class-AB;
δ = 1 : 8; tp ≤ 5ms
900
6
2
3.5
≥8
≥50
typ. 10
typ. 65
2.8
≥9
≥57
Fig.4
Power gain and collector efficiency as
functions of load power; typical values.
Pulsed, class-AB; f = 900 MHz; ICQ = 2 mA; tuned at PL = 3.5 W;
Ts ≤ 60 °C.
handbook, halfpage
06
16
Gp
(dB)
0
MGD209
4
8
12
24
PL (W)
80
ηC
(%)
60
20
40
0
Gp
ηC
VCE =5 V
6 V
6 V
5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com