Electronic Components Datasheet Search
  English  ▼

X  

BLT82 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BLT82
Description  UHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLT82 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BLT82 Datasheet HTML 3Page - NXP Semiconductors BLT82 Datasheet HTML 4Page - NXP Semiconductors BLT82 Datasheet HTML 5Page - NXP Semiconductors BLT82 Datasheet HTML 6Page - NXP Semiconductors BLT82 Datasheet HTML 7Page - NXP Semiconductors BLT82 Datasheet HTML 8Page - NXP Semiconductors BLT82 Datasheet HTML 9Page - NXP Semiconductors BLT82 Datasheet HTML 10Page - NXP Semiconductors BLT82 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
1996 Feb 05
9
Philips Semiconductors
Product specification
UHF power transistor
BLT82
Fig.7
Input impedance as a function of frequency
(series components); typical values.
VCE = 6 V; ICQ = 2 mA; PL = 3.5 W; Tamb =25 °C.
handbook, halfpage
800
850
1000
10
0
8
ri
xi
MGD212
900
950
6
4
2
Zi
(
Ω)
f (MHz)
Fig.8
Load impedance as a function of frequency
(series components); typical values.
VCE = 6 V; ICQ = 2 mA; PL = 3.5 W; Tamb =25 °C.
handbook, halfpage
800
850
900
1000
6
4
MGD213
950
2
0
−2
f (MHz)
ZL
(
Ω)
XL
RL
Fig.9
Power gain as a function of
frequency; typical values.
VCE = 6 V; ICQ = 2 mA; PL = 3.5 W; Tamb =25 °C.
handbook, halfpage
800
850
900
1000
12
0
4
8
MGD214
950
Gp
(dB)
f (MHz)
Fig.10 SO8, RF test print and definition of
transistor impedance.
Dimensions in mm.
handbook, halfpage
Zi
Zi
ZL
ZS
23.4
ZL
MGD215



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com