Electronic Components Datasheet Search
  English  ▼

X  

BLT82 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLT82
Description  UHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLT82 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLT82 Datasheet HTML 1Page - NXP Semiconductors BLT82 Datasheet HTML 2Page - NXP Semiconductors BLT82 Datasheet HTML 3Page - NXP Semiconductors BLT82 Datasheet HTML 4Page - NXP Semiconductors BLT82 Datasheet HTML 5Page - NXP Semiconductors BLT82 Datasheet HTML 6Page - NXP Semiconductors BLT82 Datasheet HTML 7Page - NXP Semiconductors BLT82 Datasheet HTML 8Page - NXP Semiconductors BLT82 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
1996 Feb 05
4
Philips Semiconductors
Product specification
UHF power transistor
BLT82
THERMAL CHARACTERISTICS
Note
1. Ts is the temperature at the soldering point of the collector pin.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to
soldering point
Ptot = 1.9 W; Ts =115 °C; note 1
32
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)CBO
collector-base breakdown voltage
open emitter; IC = 5 mA
20
−−
V
V(BR)CEO
collector-emitter breakdown voltage open base; IC =10mA
10
−−
V
V(BR)EBO
emitter-base breakdown voltage
open collector; IE =1mA
3.5
−−
V
ICES
collector leakage current
VCE =6V; VBE =0
−−
0.1
mA
hFE
DC current gain
VCE =5V; IC = 100 mA
30
−
150
Cc
collector capacitance
VCB =6V; IE =ie = 0; f = 1 MHz −
17
−
pF
Cre
feedback capacitance
VCE =6V; IC = 0; f = 1 MHz
−
10
−
pF
Fig.3 Normalized thermal resistance as a function of pulse time.
handbook, full pagewidth
MGD208
1
Rth j-s
(K/W)
10−1
10−2
10−5
10−4
10−3
10−2
10−1
1
tp (s)
tp
tp
T
P
t
T
δ =
δ = 0.75
0.50
0.33
0.20
0.10
0.02
0.01
0.00
0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com