Electronic Components Datasheet Search
  English  ▼

X  

BLT82 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLT82
Description  UHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLT82 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLT82 Datasheet HTML 3Page - NXP Semiconductors BLT82 Datasheet HTML 4Page - NXP Semiconductors BLT82 Datasheet HTML 5Page - NXP Semiconductors BLT82 Datasheet HTML 6Page - NXP Semiconductors BLT82 Datasheet HTML 7Page - NXP Semiconductors BLT82 Datasheet HTML 8Page - NXP Semiconductors BLT82 Datasheet HTML 9Page - NXP Semiconductors BLT82 Datasheet HTML 10Page - NXP Semiconductors BLT82 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
1996 Feb 05
7
Philips Semiconductors
Product specification
UHF power transistor
BLT82
List of components used in test circuit (see Figs 5 and 6)
Notes
1. American Technical Ceramics type 100B or capacitor of same quality.
2. American Technical Ceramics type 200B or capacitor of same quality.
3. The striplines are on a double copper-clad printed-circuit board, with DUROID dielectric (
εr = 2.2); thickness 1⁄32";
thickness of the copper sheet 2
× 35 µm.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE No.
C1, C11
multilayer ceramic chip capacitor;
note 1
62 pF
C2, C4, C8, C10 film dielectric trimmer
0.8 to 3.5 pF
2222 809 05001
C3
multilayer ceramic chip capacitor;
note 1
1pF
C5
multilayer ceramic chip capacitor;
note 1
8.2 pF
C6, C7
multilayer ceramic chip capacitor;
note 1
6.2 pF
C9
multilayer ceramic chip capacitor;
note 1
1.2 pF
C12
multilayer ceramic chip cap.; note 2
10 nF
C13, C14
multilayer ceramic chip cap.; note 1
18 pF
C15
multilayer ceramic chip cap.; note 2
39 nF
C16
electrolytic capacitor
2200
µF
L1
stripline; note 3
50
Ω
length 20.6 mm
width 5 mm
L2
stripline; note 3
50
Ω
length 27.4 mm
width 5 mm
L3, L4
stripline; note 3
50
Ω
length 4 mm
width 5 mm
L5
stripline; note 3
50
Ω
length 5.8 mm
width 5 mm
L6
stripline; note 3
50
Ω
length 12.4 mm
width 5 mm
L7
stripline; note 3
50
Ω
length 36 mm
width 5 mm
L8
8 turns enamelled 1 mm copper wire
80 nH
internal dia. 3 mm
leads 2
× 5mm
L9, L11
grade 3B Ferroxcube wideband
HF choke
4132 020 36640
L10
4 turns enamelled 1 mm copper wire
35 nH
internal dia. 3 mm
leads 2
× 5mm
R1
metal film resistor
0.6 W, 38.3
Ω
2322 156 13839
R2
metal film resistor
0.6 W, 10
Ω
2322 156 11009
R3
metal film resistor
0.6 W, 1
Ω
2322 156 11008
T1
NPN transistor
BC817



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com