Electronic Components Datasheet Search
  English  ▼

X  

BLT82 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLT82
Description  UHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLT82 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLT82 Datasheet HTML 2Page - NXP Semiconductors BLT82 Datasheet HTML 3Page - NXP Semiconductors BLT82 Datasheet HTML 4Page - NXP Semiconductors BLT82 Datasheet HTML 5Page - NXP Semiconductors BLT82 Datasheet HTML 6Page - NXP Semiconductors BLT82 Datasheet HTML 7Page - NXP Semiconductors BLT82 Datasheet HTML 8Page - NXP Semiconductors BLT82 Datasheet HTML 9Page - NXP Semiconductors BLT82 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
1996 Feb 05
6
Philips Semiconductors
Product specification
UHF power transistor
BLT82
Test circuit information
Fig.5 Common emitter test circuit for class-AB operation at 900 MHz.
handbook, full pagewidth
MGD210
L11
C2
C3
C1
L1
C11
C4
C5
C13
C12
R1
T1
R3
+Vbias
+VS
R2
L9
L2
L8
C6
C7
L10
input
50
Ω
output
50
Ω
DUT
C8
C9
C14
C15
C16
L6
C10
L7
L3
L4
L5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com