Electronic Components Datasheet Search
  English  ▼

X  

8701 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 8701
Description  Low Skew, ÷1, ÷2 LVCMOS/LVTTL Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8701 Datasheet(HTML) 3 Page - Renesas Technology Corp

  8701 Datasheet HTML 1Page - Renesas Technology Corp 8701 Datasheet HTML 2Page - Renesas Technology Corp 8701 Datasheet HTML 3Page - Renesas Technology Corp 8701 Datasheet HTML 4Page - Renesas Technology Corp 8701 Datasheet HTML 5Page - Renesas Technology Corp 8701 Datasheet HTML 6Page - Renesas Technology Corp 8701 Datasheet HTML 7Page - Renesas Technology Corp 8701 Datasheet HTML 8Page - Renesas Technology Corp 8701 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
REVISION F 1/21/15
8701 DATA SHEET
3
LOW SKEW, ÷1, ÷2
LVCMOS/LVTTL CLOCK GENERATOR
TABLE 2. PIN CHARACTERISTICS
TABLE 3. FUNCTION TABLE
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
C
IN
Input Capacitance
4
pF
R
PULLUP
Input Pullup Resistor
51
k
Ω
R
PULLDOWN
Input Pulldown Resistor
51
k
Ω
C
PD
Power Dissipation Capacitance
(per output)
V
DD, VDDO = 3.465V
15
pF
R
OUT
Output Impedance
7
Ω
Inputs
Outputs
nMR/OE
BANK_EN1
BANK_EN0
DIV_SELx
QA0:QA4
QB0:QB4
QC0:QC4
QD0:QD4
Qx Frequency
0
X
X
X
Hi Z
Hi Z
Hi Z
Hi Z
zero
1
0
0
0
Active
Hi Z
Hi Z
Hi Z
fIN/2
1
1
0
0
Active
Active
Hi Z
Hi Z
fIN/2
1
0
1
0
Active
Active
Active
Hi Z
fIN/2
1
1
1
0
Active
Active
Active
Active
fIN/2
1
0
0
1
Active
Hi Z
Hi Z
Hi Z
fIN
1
1
0
1
Active
Active
Hi Z
Hi Z
fIN
1
0
1
1
Active
Active
Active
Hi Z
fIN
1
1
1
1
Active
Active
Active
Active
fIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com