Electronic Components Datasheet Search
  English  ▼

X  

8701 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 8701
Description  Low Skew, ÷1, ÷2 LVCMOS/LVTTL Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8701 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 8701 Datasheet HTML 2Page - Renesas Technology Corp 8701 Datasheet HTML 3Page - Renesas Technology Corp 8701 Datasheet HTML 4Page - Renesas Technology Corp 8701 Datasheet HTML 5Page - Renesas Technology Corp 8701 Datasheet HTML 6Page - Renesas Technology Corp 8701 Datasheet HTML 7Page - Renesas Technology Corp 8701 Datasheet HTML 8Page - Renesas Technology Corp 8701 Datasheet HTML 9Page - Renesas Technology Corp 8701 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LOW SKEW, ÷1, ÷2
LVCMOS/LVTTL CLOCK GENERATOR
8701 DATA SHEET
6
REVISION F 1/21/15
TABLE 5B. AC CHARACTERISTICS, V
DD = 3.3V±5%, VDDO = 2.5V±5%, T
A
= 0°C TO 70°C
TABLE 5A. AC CHARACTERISTICS, V
DD = VDDO = 3.3V±5%, T
A
=0°C TO 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
f
MAX
Output Frequency
250
MHz
t
PD
Propagation Delay; NOTE 1
f
≤ 200MHz
2.2
3.4
ns
tsk(b)
Bank Skew; NOTE 2, 7
Measured on rising edge atV
DDO/2
200
ps
tsk(o)
Output Skew; NOTE 3, 7
Measured on rising edge atV
DDO/2
250
ps
tsk(w)
Multiple Frequency Skew;
NOTE 4, 7
Measured on rising edge atV
DDO/2
300
ps
tsk(pp)
Part-to-Part Skew; NOTE 5, 7
Measured on rising edge atV
DDO/2
600
ps
t
R
Output Rise Time; NOTE 6
30% to 70%
280
850
ps
t
F
Output Fall Time; NOTE 6
30% to 70%
280
850
ps
odc
Output Duty Cycle
f
≤ 200MHz
tCYCLE/2
- 0.5
tCYCLE/2
tCYCLE/2
+ 0.5
ns
f = 200MHz
2
2.5
3
ns
t
EN
Output Enable Time;
NOTE 6
f = 10MHz
6
ns
t
DIS
Output Disable Time;
NOTE 6
f = 10MHz
6
ns
All parameters measured at 200MHz unless noted otherwise.
NOTE 1: Measured from the V
DD/2 of the input to VDDO/2 of the output.
NOTE 2: Defined as skew within a bank of outputs at the same supply voltages and with equal load conditions.
NOTE 3: Defined as skew between outputs at the same supply voltage and with equal load conditions.
Measured at V
DDO/2.
NOTE 4: Defined as skew across banks of outputs operating at different frequency with the same supply voltages
and equal load conditions.
NOTE 5: Defined as skew between outputs on different devices operating at the same supply voltages and
with equal load conditions. Using the same type of inputs on each device, the outputs are measured at V
DDO/2.
NOTE 6: These parameters are guaranteed by characterization. Not tested in production.
NOTE 7: This parameter is defined in accordance with JEDEC Standard 65.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
f
MAX
Output Frequency
250
MHz
t
PD
Propagation Delay; NOTE 1
f
≤ 200MHz
2.6
3.6
ns
tsk(b)
Bank Skew; NOTE 2, 7
Measured on rising edge atV
DDO/2
225
ps
tsk(o)
Output Skew; NOTE 3, 7
Measured on rising edge atV
DDO/2
250
ps
tsk(w)
Multiple Frequency Skew;
NOTE 4, 7
Measured on rising edge atV
DDO/2
300
ps
tsk(pp)
Part-to-Part Skew; NOTE 5, 7
Measured on rising edge atV
DDO/2
600
ps
t
R
Output Rise Time; NOTE 6
30% to 70%
280
850
ps
t
F
Output Fall Time; NOTE 6
30% to 70%
280
850
ps
odc
Output Duty Cycle
f
≤ 200MHz
tCYCLE/2
- 0.5
tCYCLE/2
tCYCLE/2
+ 0.5
ns
f = 200MHz
2
2.5
3
ns
t
EN
Output Enable Time;
NOTE 6
f = 10MHz
6
ns
t
DIS
Output Disable Time;
NOTE 6
f = 10MHz
6
ns
For notes, please see T5A above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com