Electronic Components Datasheet Search
  English  ▼

X  

8701 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # 8701
Description  Low Skew, ÷1, ÷2 LVCMOS/LVTTL Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8701 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button 8701 Datasheet HTML 6Page - Renesas Technology Corp 8701 Datasheet HTML 7Page - Renesas Technology Corp 8701 Datasheet HTML 8Page - Renesas Technology Corp 8701 Datasheet HTML 9Page - Renesas Technology Corp 8701 Datasheet HTML 10Page - Renesas Technology Corp 8701 Datasheet HTML 11Page - Renesas Technology Corp 8701 Datasheet HTML 12Page - Renesas Technology Corp 8701 Datasheet HTML 13Page - Renesas Technology Corp 8701 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
LOW SKEW, ÷1, ÷2
LVCMOS/LVTTL CLOCK GENERATOR
8701 DATA SHEET
12
REVISION F 1/21/15
Rev
Table
Page
Description of Change
Date
B
5A
5B
5
7
8 - 10
Updated notes.
Updated notes.
Updated drawings
10/4/01
C
4B
4D
4
6
11
Revised V
IH rows from 3.8 Maximum to VDD + 0.3 Maximum.
Revised V
IH rows from 3.8 Maximum to VDD + 0.3 Maximum.
Added Power Dissipation and Driver Termination notes.
11/28/01
C
12
9
Pin Description Table, revised nMR/OE description.
Updated Output Rise/Fall Time Diagram.
8/19/02
D
T2
T8
1
3
7
8
11
Features Section - added lead-free bullet.
Pin Characteristics Table - Changed CIN from 4pF max to 4pF typical.
Parameter Measurement Information - added Bank Skew diagram.
Application Information - added Recommenations for Unused Input and
Output Pins.
Ordering Information Table - added lead-free part number, marking and note.
Updated format throughout the data sheet.
2/27/06
ET8
11
13
Updated datasheet’s header/footer with IDT from ICS.
Removed ICS prefix from Part/Order Number column.
Added Contact Page.
7/31/10
FT8
11
Ordering Information - removed leaded devices. PDN CQ-13-02.
Updated format throughout the data sheet.
1/22/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com