Electronic Components Datasheet Search
  English  ▼

X  

8701 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 8701
Description  Low Skew, ÷1, ÷2 LVCMOS/LVTTL Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8701 Datasheet(HTML) 1 Page - Renesas Technology Corp

  8701 Datasheet HTML 1Page - Renesas Technology Corp 8701 Datasheet HTML 2Page - Renesas Technology Corp 8701 Datasheet HTML 3Page - Renesas Technology Corp 8701 Datasheet HTML 4Page - Renesas Technology Corp 8701 Datasheet HTML 5Page - Renesas Technology Corp 8701 Datasheet HTML 6Page - Renesas Technology Corp 8701 Datasheet HTML 7Page - Renesas Technology Corp 8701 Datasheet HTML 8Page - Renesas Technology Corp 8701 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Low Skew, ÷1, ÷2
LVCMOS/LVTTL Clock Generator
8701
DATASHEET
8701 REVISION F JANUARY 21, 2015
1
©2015 Integrated Device Technology, Inc.
GENERAL DESCRIPTION
The 8701 is a low skew, ÷1, ÷2 LVCMOS/LVTTL Clock
Generator . The low impedance LVCMOS outputs are
designed to dr ive 50
Ω series orparallel terminated
transmission lines. The effective fanout can be increased from
20 to 40 by utilizing the ability of the outputs to drive two series
terminated lines.
The divide select inputs, DIV_SELx, control the output
frequency of each bank. The outputs can be utilized in
the ÷1, ÷2 or a combination of ÷1 and ÷2 modes. The
bank enable inputs, BANK_EN0:1, support enabling and
disabling each bank of outputs individually. The master
reset input, nMR/OE, resets the internal frequency dividers and
also controls the active and high impedance states of all outputs.
The 8701 is char acter iz ed at 3.3V and mix ed
3.3V input supply, and 2.5V output supply operating
modes. Guaranteed bank, output and part-to-part skew
characteristics make the 8701 ideal for those clock
distr ibution applications demanding w ell defined
performance and repeatability.
FEATURES
• Twenty LVCMOS outputs, 7
Ω typical output impedance
• One LVCMOS/LVTTL clock input
• Maximum output frequency: 250MHz
• Bank enable logic allows unused banks to be disabled
in reduced fanout applications
• Output skew: 250ps (maximum)
• Part-to-part skew: 600ps (maximum)
• Bank skew: 200ps (maximum)
• Multiple frequency skew: 300ps (maximum)
• 3.3V or mixed 3.3V input, 2.5V output operating
supply modes
• 0°C to 70°C ambient operating temperature
• Other divide values available on request
• Available in lead-free RoHS compliant package
BLOCK DIAGRAM
PIN ASSIGNMENT
48-Pin LQFP
7mm x 7mm x 1.4mm
Y Package
Top View


Similar Part No. - 8701

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8701 ETC2-8701 Datasheet
395Kb / 1P
CAPTIVE PANEL SCREWS
logo
Christian Bürkert GmbH ...
8701 BURKERT-8701 Datasheet
1Mb / 14P
Mass Flow Meter for Gases (MFM)
26.03.2021
logo
Keystone Electronics Co...
8701 KEYSTONE-8701 Datasheet
389Kb / 1P
PANEL SCREWS
31-07 20th
logo
Molex Electronics Ltd.
8701031 MOLEX1-8701031 Datasheet
123Kb / 3P
SPOX??Crimp Terminal 5194, 18-24 AWG, Brass, Reel
logo
KNIPEX
8701125 KNIPEX-8701125 Datasheet
281Kb / 3P
KNIPEX Cobra® High-tech Water Pump Pliers
05.07.2021
More results

Similar Description - 8701

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
87974I IDT-87974I Datasheet
245Kb / 16P
Low Skew, 1-to-15, LVCMOS/LVTTL Clock Generator
879893 IDT-879893 Datasheet
205Kb / 16P
Low Skew, 1-to-12 (IDCS) LVCMOS/LVTTL Clock Generator
8535-21 IDT-8535-21 Datasheet
394Kb / 15P
Low Skew, 1-to-2 LVCMOS/ LVTTL-to-3.3V LVPECL CLock Generator
87016 IDT-87016 Datasheet
271Kb / 17P
Low Skew LVCMOS/LVTTL Clock Generator
ICS8535I-21 IDT-ICS8535I-21 Datasheet
762Kb / 14P
LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO- 3.3V LVPECL CLOCK GENERATOR
logo
Renesas Technology Corp
879893 RENESAS-879893 Datasheet
398Kb / 17P
Low Skew, 1-to-12 (IDCS) LVCMOS/LVTTL Clock Generator
January 10, 2017
87016 RENESAS-87016 Datasheet
865Kb / 16P
Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
01/21/20
87016I RENESAS-87016I Datasheet
898Kb / 16P
Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
January 22, 2020
87974I RENESAS-87974I Datasheet
440Kb / 17P
Low Skew, 1-to-15, LVCMOS/LVTTL Clock Generator
January 26, 2016
ICS8535I-21 RENESAS-ICS8535I-21 Datasheet
913Kb / 15P
LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO3.3V LVPECL CLOCK GENERATOR
NOVEMBER 24, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com