Electronic Components Datasheet Search
  English  ▼

X  

8701 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 8701
Description  Low Skew, ÷1, ÷2 LVCMOS/LVTTL Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8701 Datasheet(HTML) 5 Page - Renesas Technology Corp

  8701 Datasheet HTML 1Page - Renesas Technology Corp 8701 Datasheet HTML 2Page - Renesas Technology Corp 8701 Datasheet HTML 3Page - Renesas Technology Corp 8701 Datasheet HTML 4Page - Renesas Technology Corp 8701 Datasheet HTML 5Page - Renesas Technology Corp 8701 Datasheet HTML 6Page - Renesas Technology Corp 8701 Datasheet HTML 7Page - Renesas Technology Corp 8701 Datasheet HTML 8Page - Renesas Technology Corp 8701 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
REVISION F 1/21/15
8701 DATA SHEET
5
LOW SKEW, ÷1, ÷2
LVCMOS/LVTTL CLOCK GENERATOR
TABLE 4B. LVCMOS DC CHARACTERISTICS, V
DD = 3.3V±5%, VDDO = 3.3V±5%
OR
2.5V±5%, TA = 0°C TO 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
IH
Input
High Voltage
DIV_SELA, DIV_SELB,
DIV_SELC, DIV_SELD,
BANK_EN0, BANK_EN1,
nMR/OE
2V
DD + 0.3
V
CLK
2
V
DD + 0.3
V
V
IL
Input
Low Voltage
DIV_SELA, DIV_SELB,
DIV_SELC, DIV_SELD,
BANK_EN0, BANK_EN1,
nMR/OE
-0.3
0.8
V
CLK
-0.3
1.3
V
I
IH
Input
High Current
DIV_SELA, DIV_SELB,
DIV_SELC, DIV_SELD,
BANK_EN0, BANK_EN1,
nMR/OE
V
DD = VIN = 3.465V
5
µA
CLK
V
DD = VIN = 3.465V
150
µA
I
IL
Input
Low Current
DIV_SELA, DIV_SELB,
DIV_SELC, DIV_SELD,
BANK_EN0, BANK_EN1,
nMR/OE
V
DD = 3.465V, VIN = 0V
-150
µA
CLK
V
DD = 3.465V, VIN = 0V
-5
µA
V
OH
Output High Voltage
V
DD = VDDO = 3.135V
I
OH = -36mA
2.6
V
V
DD = 3.135V,
V
DDO = 2.375
I
OH = -27mA
1.8
V
V
OL
Output Low Voltage
V
DD = VDDO = 3.135V
I
OL = 36mA
0.5
V
V
DD = 3.135V,
V
DDO = 2.375
I
OL = 27mA
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com